Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 360 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 360 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 356Page - Renesas Technology Corp HD6433635SW Datasheet HTML 357Page - Renesas Technology Corp HD6433635SW Datasheet HTML 358Page - Renesas Technology Corp HD6433635SW Datasheet HTML 359Page - Renesas Technology Corp HD6433635SW Datasheet HTML 360Page - Renesas Technology Corp HD6433635SW Datasheet HTML 361Page - Renesas Technology Corp HD6433635SW Datasheet HTML 362Page - Renesas Technology Corp HD6433635SW Datasheet HTML 363Page - Renesas Technology Corp HD6433635SW Datasheet HTML 364Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 360 / 418 page
background image
346
PWDRL—PWM data register L
H'A6
14-bit PWM
Bit
Initial value
Read/Write
7
PWDRL7
0
W
6
PWDRL6
0
W
5
PWDRL5
0
W
4
PWDRL4
0
W
3
PWDRL3
0
W
0
PWDRL0
0
W
2
PWDRL2
0
W
1
PWDRL1
0
W
Lower 8 bits of PWM waveform generation data
SMR—Serial mode register
H'A8
SCI3
Bit
Initial value
Read/Write
7
COM
0
R/W
6
CHR
0
R/W
5
PE
0
R/W
4
PM
0
R/W
3
STOP
0
R/W
0
CKS0
0
R/W
2
MP
0
R/W
1
CKS1
0
R/W
Parity enable
0
Parity bit adding and checking disabled
1
Parity bit adding and checking enabled
Clock select 0, 1
0 0
1
10
1
ø clock
ø/4 clock
ø/16 clock
ø/64 clock
Multiprocessor mode
0
Multiprocessor communication function disabled
1
Multiprocessor communication function enabled
Stop bit length
0
1 stop bit
1
2 stop bits
Parity mode
0
Even parity
1
Odd parity
Character length
0
8-bit data
1
7-bit data
Communication mode
0
Asynchronous mode
1
Synchronous mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com