Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 362 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 362 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 358Page - Renesas Technology Corp HD6433635SW Datasheet HTML 359Page - Renesas Technology Corp HD6433635SW Datasheet HTML 360Page - Renesas Technology Corp HD6433635SW Datasheet HTML 361Page - Renesas Technology Corp HD6433635SW Datasheet HTML 362Page - Renesas Technology Corp HD6433635SW Datasheet HTML 363Page - Renesas Technology Corp HD6433635SW Datasheet HTML 364Page - Renesas Technology Corp HD6433635SW Datasheet HTML 365Page - Renesas Technology Corp HD6433635SW Datasheet HTML 366Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 362 / 418 page
background image
348
SCR3—Serial control register 3
H'AA
SCI3
Bit
Initial value
Read/Write
7
TIE
0
R/W
6
RIE
0
R/W
5
TE
0
R/W
4
RE
0
R/W
3
MPIE
0
R/W
0
CKE0
0
R/W
2
TEIE
0
R/W
1
CKE1
0
R/W
Clock enable
CKE1
Bit 1
CKE0
Bit 0
Description
Transmit end interrupt enable
0
Transmit end interrupt (TEI) disabled
Communication Mode
Clock Source
SCK Pin Function
3
1
Transmit end interrupt (TEI) enabled
Multiprocessor interrupt enable
0
Multiprocessor interrupt request disabled (ordinary receive operation)
1
Multiprocessor interrupt request enabled
Until a multiprocessor bit value of 1 is received, the receive data full interrupt (RXI) and receive
error interrupt (ERI) are disabled, and serial status register (SSR) flags RDRF, FER, and
OER are not set.
0
0
Asynchronous
Internal clock
I/O port
Synchronous
Internal clock
Serial clock output
1
Asynchronous
Internal clock
Clock output
Synchronous
Reserved
1
0
Asynchronous
External clock
Clock output
Synchronous
External clock
Serial clock input
1
Asynchronous
Reserved
Synchronous
Reserved
[Clearing condition]
Multiprocessor bit receives a data value of 1
Transmit enable
0
Transmit operation disabled (TXD is the transmit data pin)
1
Transmit operation enabled (TXD is the transmit data pin)
Receive enable
0
Receive operation disabled (RXD is a general I/O port)
1
Receive operation enabled (RXD is the receive data pin)
Receive interrupt enable
0
Receive data full interrupt request (RXI) and receive error interrupt request (ERI) disabled
1
Receive data full interrupt request (RXI) and receive error interrupt request (ERI) enabled
Transmit interrupt enable
0
Transmit data empty interrupt request (TXI) disabled
1
Transmit data empty interrupt request (TXI) enabled
Reserved
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com