Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 365 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 365 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 361Page - Renesas Technology Corp HD6433635SW Datasheet HTML 362Page - Renesas Technology Corp HD6433635SW Datasheet HTML 363Page - Renesas Technology Corp HD6433635SW Datasheet HTML 364Page - Renesas Technology Corp HD6433635SW Datasheet HTML 365Page - Renesas Technology Corp HD6433635SW Datasheet HTML 366Page - Renesas Technology Corp HD6433635SW Datasheet HTML 367Page - Renesas Technology Corp HD6433635SW Datasheet HTML 368Page - Renesas Technology Corp HD6433635SW Datasheet HTML 369Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 365 / 418 page
background image
351
RDR—Receive data register
H'AD
SCI3
Bit
Initial value
Read/Write
7
RDR7
0
R
6
RDR6
0
R
5
RDR5
0
R
4
RDR4
0
R
3
RDR3
0
R
0
RDR0
0
R
2
RDR2
0
R
1
RDR1
0
R
TMA—Timer mode register A
H'B0
Timer A
Bit
Initial value
Read/Write
7
TMA7
0
R/W
6
TMA6
0
R/W
5
TMA5
0
R/W
0
TMA0
0
R/W
2
TMA2
0
R/W
1
TMA1
0
R/W
Internal clock select
TMA3 TMA2
0
PSS
PSS
PSS
PSS
0
4
—
1
—
Clock output select
0
ø/32
ø/16
TMA1
0
1
TMA0
0
0
1
1
PSS
PSS
PSS
PSS
10
1
0
0
1
1
1
PSW
PSW
PSW
PSW
00
1
0
0
1
1
PSW and TCA are reset
10
1
0
0
1
1
Prescaler and Divider Ratio
or Overflow Period
ø/8192
ø/4096
ø/2048
ø/512
ø/256
ø/128
ø/32
ø/8
1 s
0.5 s
0.25 s
0.03125 s
Interval
timer
Time
base
Function
0 0
1
ø/8
ø/4
10
1
1 00
1
10
1
ø /32
W
ø /16
W
ø /8
W
ø /4
W
3
TMA3
0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com