Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 364 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 364 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 360Page - Renesas Technology Corp HD6433635SW Datasheet HTML 361Page - Renesas Technology Corp HD6433635SW Datasheet HTML 362Page - Renesas Technology Corp HD6433635SW Datasheet HTML 363Page - Renesas Technology Corp HD6433635SW Datasheet HTML 364Page - Renesas Technology Corp HD6433635SW Datasheet HTML 365Page - Renesas Technology Corp HD6433635SW Datasheet HTML 366Page - Renesas Technology Corp HD6433635SW Datasheet HTML 367Page - Renesas Technology Corp HD6433635SW Datasheet HTML 368Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 364 / 418 page
background image
350
SSR—Serial status register
H'AC
SCI3
Bit
Initial value
Read/Write
7
TDRE
1
R/(W)
6
RDRF
0
R/(W)
5
OER
0
R/(W)
4
FER
0
R/(W)
3
PER
0
R/(W)
0
MPBT
0
R/W
2
TEND
1
R
1
MPBR
0
R
*
*
*
*
*
Note: * Only a write of 0 for flag clearing is possible.
0 The multiprocessor bit in transmit data is 0
Multiprocessor bit transmit
1 The multiprocessor bit in transmit data is 1
0 Indicates reception of data in which the multiprocessor bit is 0
Multiprocessor bit receive
1 Indicates reception of data in which the multiprocessor bit is 1
0 Indicates that transmission is in progress
Transmit end
[Clearing conditions]
• After reading TDRE = 1, cleared by writing 0 to TDRE.
• When data is written to TDR by an instruction.
1 Indicates that a transmission has ended
[Setting conditions]
• When bit TE in serial control register 3 (SCR3) is 0.
• If TDRE is set to 1 when the last bit of a transmitted character is sent.
0 Indicates that data receiving is in progress or has been completed
Parity error
[Clearing conditions]
After reading PER = 1, cleared by writing 0
1 Indicates that a parity error occurred in data receiving
[Setting conditions]
When the sum of 1s in received data plus the parity bit does not match
the parity mode bit (PM) setting in the serial mode register (SMR)
0 Indicates that data receiving is in progress or has been completed
Framing error
[Clearing conditions]
After reading FER = 1, cleared by writing 0
1 Indicates that a framing error occurred in data receiving
[Setting conditions]
The stop bit at the end of receive data is checked and found to be 0
0 Indicates that data receiving is in progress or has been completed
Overrun error
[Clearing conditions]
After reading OER = 1, cleared by writing 0
1 Indicates that an overrun error occurred in data receiving
[Setting conditions]
When data receiving is completed while RDRF is set to 1
0 Indicates there is no receive data in RDR
Receive data register full
[Clearing conditions]
• After reading RDRF = 1, cleared by writing 0.
• When data is read from RDR by an instruction.
1 Indicates that there is receive data in RDR
[Setting conditions]
When receiving ends normally, with receive data transferred from RSR to RDR
0 Indicates that transmit data written to TDR has not been transferred to TSR
Transmit data register empty
[Clearing conditions]
• After reading TDRE = 1, cleared by writing 0.
• When data is written to TDR by an instruction.
1 Indicates that no transmit data has been written to TDR, or the transmit data written to TDR has been transferred to TSR
[Setting conditions]
• When bit TE in serial control register 3 (SCR3) is 0.
• When data is transferred from TDR to TSR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com