Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 359 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 359 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 355Page - Renesas Technology Corp HD6433635SW Datasheet HTML 356Page - Renesas Technology Corp HD6433635SW Datasheet HTML 357Page - Renesas Technology Corp HD6433635SW Datasheet HTML 358Page - Renesas Technology Corp HD6433635SW Datasheet HTML 359Page - Renesas Technology Corp HD6433635SW Datasheet HTML 360Page - Renesas Technology Corp HD6433635SW Datasheet HTML 361Page - Renesas Technology Corp HD6433635SW Datasheet HTML 362Page - Renesas Technology Corp HD6433635SW Datasheet HTML 363Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 359 / 418 page
background image
345
SDRL—Serial data register L
H'A3
SCI1
Bit
Initial value
Read/Write
7
SDRL7
Undefined
R/W
6
SDRL6
Undefined
R/W
5
SDRL5
Undefined
R/W
4
SDRL4
Undefined
R/W
3
SDRL3
Undefined
R/W
0
SDRL0
Undefined
R/W
2
SDRL2
Undefined
R/W
1
SDRL1
Undefined
R/W
Stores transmit and receive data
8-bit transfer mode:
16-bit transfer mode:
8-bit data
Lower 8 bits of data
PWCR—PWM control register
H'A4
14-bit PWM
Bit
Initial value
Read/Write
7
—
1
—
6
—
1
—
5
—
1
—
4
—
1
—
3
—
1
—
0
PWCR0
0
W
2
—
1
—
1
—
1
—
Clock select
1
0
Input clock ø/2 (tø* = 2/ø). 1 conversion cycle =
16,384ø; minimum transition width = 1/ø
1
Input clock ø/4 (tø* = 4/ø). 1 conversion cycle =
32,768ø; minimum transition width = 2/ø
Note: * tø: PWM input clock cycle
PWDRU—PWM data register U
H'A5
14-bit PWM
Bit
Initial value
Read/Write
7
—
1
—
6
—
1
—
5
PWDRU5
0
W
4
PWDRU4
0
W
3
PWDRU3
0
W
0
PWDRU0
0
W
2
PWDRU2
0
W
1
PWDRU1
0
W
Upper 6 bits of PWM waveform generation data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com