Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 383 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 383 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 379Page - Renesas Technology Corp HD6433635SW Datasheet HTML 380Page - Renesas Technology Corp HD6433635SW Datasheet HTML 381Page - Renesas Technology Corp HD6433635SW Datasheet HTML 382Page - Renesas Technology Corp HD6433635SW Datasheet HTML 383Page - Renesas Technology Corp HD6433635SW Datasheet HTML 384Page - Renesas Technology Corp HD6433635SW Datasheet HTML 385Page - Renesas Technology Corp HD6433635SW Datasheet HTML 386Page - Renesas Technology Corp HD6433635SW Datasheet HTML 387Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 383 / 418 page
background image
369
SYSCR1—System control register 1
H'F0
System control
Bit
Initial value
Read/Write
7
SSBY
0
R/W
6
STS2
0
R/W
5
STS1
0
R/W
3
LSON
0
R/W
0
—
1
—
2
—
1
—
1
—
1
—
4
STS0
0
R/W
Software standby
0
When a SLEEP instruction is executed in active mode, a transition is
made to sleep mode.
1
Standby timer select 2 to 0
0
Wait time = 8,192 states
Wait time = 16,384 states
0 0
1
Wait time = 32,768 states
Wait time = 65,536 states
10
1
1 *
Wait time = 131,072 states
Low speed on flag
0
The CPU operates on the system clock (ø)
1
The CPU operates on the subclock (ø
)
SUB
*
When a SLEEP instruction is executed in subactive mode, a transition is
made to subsleep mode.
When a SLEEP instruction is executed in active mode, a transition is
made to standby mode or watch mode.
When a SLEEP instruction is executed in subactive mode, a transition is
made to watch mode.
Note: Don’t care
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com