Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 384 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 384 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 380Page - Renesas Technology Corp HD6433635SW Datasheet HTML 381Page - Renesas Technology Corp HD6433635SW Datasheet HTML 382Page - Renesas Technology Corp HD6433635SW Datasheet HTML 383Page - Renesas Technology Corp HD6433635SW Datasheet HTML 384Page - Renesas Technology Corp HD6433635SW Datasheet HTML 385Page - Renesas Technology Corp HD6433635SW Datasheet HTML 386Page - Renesas Technology Corp HD6433635SW Datasheet HTML 387Page - Renesas Technology Corp HD6433635SW Datasheet HTML 388Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 384 / 418 page
background image
370
SYSCR2—System control register 2
H'F1
System control
Bit
Initial value
Read/Write
7
—
1
—
6
—
1
—
5
—
1
—
3
DTON
0
R/W
0
SA0
0
R/W
2
MSON
0
R/W
1
SA1
0
R/W
4
NESEL
0
R/W
Direct transfer on flag
0
When a SLEEP instruction is executed in active mode, a transition is
made to standby mode, watch mode, or sleep mode.
1
When a SLEEP instruction is executed in subactive mode, a transition is
made to watch mode or subsleep mode.
When a SLEEP instruction is executed in active (high-speed) mode, a direct
transition is made to active (medium-speed) mode if SSBY = 0, MSON = 1, and
LSON = 0, or to subactive mode if SSBY = 1, TMA3 = 1, and LSON = 1.
Subactive mode clock select
0
ø /8
ø /4
0
1
1
ø /2
*
W
W
W
Noise elimination sampling frequency select
0
Sampling rate is ø
/16
1
Sampling rate is ø
/4
OSC
OSC
When a SLEEP instruction is executed in active (medium-speed) mode, a direct
transition is made to active (high-speed) mode if SSBY = 0, MSON = 0, and
LSON = 0, or to subactive mode if SSBY = 1, TMA3 = 1, and LSON = 1.
When a SLEEP instruction is executed in subactive mode, a direct
transition is made to active (high-speed) mode if SSBY = 1, TMA3 = 1, LSON = 0,
and MSON = 0, or to active (medium-speed) mode if SSBY = 1, TMA3 = 1,
LSON = 0, and MSON = 1.
Medium speed on flag
0
Operates in active (high-speed) mode
1
Operates in active (medium-speed) mode
Note: Don’t care
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com