Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 153 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 153 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 149Page - Renesas Technology Corp HD6433635SW Datasheet HTML 150Page - Renesas Technology Corp HD6433635SW Datasheet HTML 151Page - Renesas Technology Corp HD6433635SW Datasheet HTML 152Page - Renesas Technology Corp HD6433635SW Datasheet HTML 153Page - Renesas Technology Corp HD6433635SW Datasheet HTML 154Page - Renesas Technology Corp HD6433635SW Datasheet HTML 155Page - Renesas Technology Corp HD6433635SW Datasheet HTML 156Page - Renesas Technology Corp HD6433635SW Datasheet HTML 157Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 418 page
background image
139
Port Data Register 5 (PDR5)
Bit
76543210
P5
7
P5
6
P5
5
P5
4
P5
3
P5
2
P5
1
P5
0
Initial value
00000000
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
PDR5 is an 8-bit register that stores data for port 5 pins P5
7 to P50. If port 5 is read while PCR5
bits are set to 1, the values stored in PDR5 are directly read, regardless of the actual pin states. If
port 5 is read while PCR5 bits are cleared to 0, the pin states are read.
Upon reset, PDR5 is initialized to H'00.
Port Control Register 5 (PCR5)
Bit
76543210
PCR5
7
PCR5
6
PCR5
5
PCR5
4
PCR5
3
PCR5
2
PCR5
1
PCR5
0
Initial value
00000000
Read/Write
WWWWWWWW
PCR5 is an 8-bit register for controlling whether each of the port 5 pins P5
7 to P50 functions as an
input pin or output pin. Setting a PCR5 bit to 1 makes the corresponding pin an output pin, while
clearing the bit to 0 makes the pin an input pin. The settings in PCR5 and in PDR5 are valid only
when the corresponding pin is designated as a general I/O pin in PMR5.
Upon reset, PCR5 is initialized to H'00.
PCR5 is a write-only register. All bits are read as 1.
Port Pull-Up Control Register 5 (PUCR5)
Bit
76543210
PUCR5
7
PUCR5
6
PUCR5
5
PUCR5
4
PUCR5
3
PUCR5
2
PUCR5
1
PUCR5
0
Initial value
00000000
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
PUCR5 controls whether the MOS pull-up of each port 5 pin is on or off. When a PCR5 bit is
cleared to 0, setting the corresponding PUCR5 bit to 1 turns on the MOS pull-up for the
corresponding pin, while clearing the bit to 0 turns off the MOS pull-up.
Upon reset, PUCR5 is initialized to H'00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com