Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 157 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 157 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 153Page - Renesas Technology Corp HD6433635SW Datasheet HTML 154Page - Renesas Technology Corp HD6433635SW Datasheet HTML 155Page - Renesas Technology Corp HD6433635SW Datasheet HTML 156Page - Renesas Technology Corp HD6433635SW Datasheet HTML 157Page - Renesas Technology Corp HD6433635SW Datasheet HTML 158Page - Renesas Technology Corp HD6433635SW Datasheet HTML 159Page - Renesas Technology Corp HD6433635SW Datasheet HTML 160Page - Renesas Technology Corp HD6433635SW Datasheet HTML 161Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 418 page
background image
143
Port Data Register 6 (PDR6)
Bit
76543210
P6
7
P6
6
P6
5
P6
4
P6
3
P6
2
P6
1
P6
0
Initial value
00000000
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
PDR6 is an 8-bit register that stores data for port 6 pins P6
7 to P60. If port 6 is read while PCR6
bits are set to 1, the values stored in PDR6 are directly read, regardless of the actual pin states. If
port 6 is read while PCR6 bits are cleared to 0, the pin states are read.
Upon reset, PDR6 is initialized to H'00.
Port Control Register 6 (PCR6)
Bit
76543210
PCR6
7
PCR6
6
PCR6
5
PCR6
4
PCR6
3
PCR6
2
PCR6
1
PCR6
0
Initial value
00000000
Read/Write
WWWWWWWW
PCR6 is an 8-bit register for controlling whether each of the port 6 pins P6
7 to P60 functions as an
input pin or output pin. Setting a PCR6 bit to 1 makes the corresponding pin an output pin, while
clearing the bit to 0 makes the pin an input pin.
Upon reset, PCR6 is initialized to H'00.
PCR6 is a write-only register. All bits are read as 1.
Port Pull-Up Control Register 6 (PUCR6)
Bit
76543210
PUCR6
7
PUCR6
6
PUCR6
5
PUCR6
4
PUCR6
3
PUCR6
2
PUCR6
1
PUCR6
0
Initial value
00000000
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
PUCR6 controls whether the MOS pull-up of each port 6 pin is on or off. When a PCR6 bit is
cleared to 0, setting the corresponding PUCR6 bit to 1 turns on the MOS pull-up for the
corresponding pin, while clearing the bit to 0 turns off the MOS pull-up.
Upon reset, PUCR6 is initialized to H'00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com