Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 161 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 161 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 157Page - Renesas Technology Corp HD6433635SW Datasheet HTML 158Page - Renesas Technology Corp HD6433635SW Datasheet HTML 159Page - Renesas Technology Corp HD6433635SW Datasheet HTML 160Page - Renesas Technology Corp HD6433635SW Datasheet HTML 161Page - Renesas Technology Corp HD6433635SW Datasheet HTML 162Page - Renesas Technology Corp HD6433635SW Datasheet HTML 163Page - Renesas Technology Corp HD6433635SW Datasheet HTML 164Page - Renesas Technology Corp HD6433635SW Datasheet HTML 165Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 418 page
background image
147
8.6.3
Pin Functions
Table 8.15 shows the port 7 pin functions.
Table 8.15
Port 7 Pin Functions
Pin
Pin Functions and Selection Method
P7
7 to P7 0
The pin function depends on bit PCR7
n in PCR7.
(n = 7 to 0)
PCR7
n
01
Pin function
P7
n input pin
P7
n output pin
8.6.4
Pin States
Table 8.16 shows the port 7 pin states in each operating mode.
Table 8.16
Port 7 Pin States
Pins
Reset
Sleep
Subsleep Standby
Watch
Subactive Active
P7
7 to P7 0
High-
impedance
Retains
previous
state
Retains
previous
state
High-
impedance
Retains
previous
state
Functional
Functional



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com