Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 193 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 193 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 189Page - Renesas Technology Corp HD6433635SW Datasheet HTML 190Page - Renesas Technology Corp HD6433635SW Datasheet HTML 191Page - Renesas Technology Corp HD6433635SW Datasheet HTML 192Page - Renesas Technology Corp HD6433635SW Datasheet HTML 193Page - Renesas Technology Corp HD6433635SW Datasheet HTML 194Page - Renesas Technology Corp HD6433635SW Datasheet HTML 195Page - Renesas Technology Corp HD6433635SW Datasheet HTML 196Page - Renesas Technology Corp HD6433635SW Datasheet HTML 197Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 418 page
background image
179
9.3.4
Timer Operation
Timer F is a 16-bit timer/counter that increments with each input clock. When the value set in
output compare register F matches the count in timer F, the timer can be cleared, an interrupt can
be requested, and the port output can be toggled. Timer F can also be used as two independent
8-bit timers.
Timer F Operation: Timer F can operate in either 16-bit timer mode or 8-bit timer mode. These
modes are described below.
• 16-bit timer mode
Timer F operates in 16-bit timer mode when the CKSH2 bit in timer control register F (TCRF)
is cleared to 0.
A reset initializes timer counter F (TCF) to H'0000, output compare register F (OCRF) to
H'FFFF, and timer control register F (TCRF) and timer control status register F (TCSRF) to
H'00. Timer F begins counting external event input signals (TMIF). The edge of the external
event signal is selected by the IEG3 bit in the IRQ edge select register (IEGR).
The operational clock of timer F can be selected by setting bits CSKL2 through CKSL0 in
TCRF, from four internal clocks output from prescaler S as well as from an external clock.
TCF is continuously compared with the contents of OCRF. When these two values match, the
CMFH bit in TCSRF is set to 1. At this time if IENTFH of IENR2 is 1, a CPU interrupt is
requested and the output at pin TMOFH is toggled. If the CCLRH bit in TCSRF is 1, TCF is
cleared. The output at pin TMOFH can also be set by the TOLH bit in TCRF.
If timer F overflows (from H'FFFF to H'0000), the OVFH bit in TCSRF is set to 1. At this
time, if the OVIEH bit in TCSRF and the IENTFH bit in IENR2 are both 1, CPU interrupt is
requested.
• 8-bit timer mode
When the CKSH2 bit in TCRF is set to 1, timer F operates as two independent 8-bit timers,
TCFH and TCFL. The input clock of TCFH/TCFL is selected by bits CKSH2 to
CKSH0/CKSL2 to CKSL0 in TCRF.
When TCFH/TCFL and the contents of OCRFH/OCRFL match, the CMFH/CMFL bit in
TCSRF is set to 1. If the IENTFH/IENTFL bit in IENR2 is 1, a CPU interrupt is requested and
the output at pin TMOFH/TMOFL is toggled. If the CCLRH/CCLRL bit in TCRF is 1,
TCFH/TCFL is cleared. The output at pin TMOFH/TMOFL can also be set by the
TOLH/TOLL bit in TCRF.
When TCFH/TCFL overflows from H'FF to H'00, the OVFH/OVFL bit in TCSRF is set to 1.
At this time, if the OVIEH/OVIEL bit in TCSRF and the IENTFH/IENTFL bit in IENR2 are
both 1, a CPU interrupt is requested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com