Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 189 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 189 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 185Page - Renesas Technology Corp HD6433635SW Datasheet HTML 186Page - Renesas Technology Corp HD6433635SW Datasheet HTML 187Page - Renesas Technology Corp HD6433635SW Datasheet HTML 188Page - Renesas Technology Corp HD6433635SW Datasheet HTML 189Page - Renesas Technology Corp HD6433635SW Datasheet HTML 190Page - Renesas Technology Corp HD6433635SW Datasheet HTML 191Page - Renesas Technology Corp HD6433635SW Datasheet HTML 192Page - Renesas Technology Corp HD6433635SW Datasheet HTML 193Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 418 page
background image
175
Bit 2—Compare Match Flag L (CMFL): Bit 2 is a status flag indicating a compare match
between TCFL and OCRFL. This flag is set by hardware and cleared by software. It cannot be set
by software.
Bit 2: CMFL
Description
0
[Clearing conditions]
(initial value)
After reading CMFL = 1, cleared by writing 0 to CMFL
1
[Setting conditions]
Set when the TCFL value matches the OCRFL value
Bit 1—Timer Overflow Interrupt Enable L (OVIEL): Bit 1 enables or disables TCFL overflow
interrupts.
Bit 1: OVIEL
Description
0
TCFL overflow interrupt disabled
(initial value)
1
TCFL overflow interrupt enabled
Bit 0—Counter Clear L (CCLRL): Bit 0 selects whether or not TCFL is cleared when a
compare match occurs between TCFL and OCRFL.
Bit 0: CCLRL
Description
0
TCFL clearing by compare match disabled
(initial value)
1
TCFL clearing by compare match enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com