Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 235 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 235 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 231Page - Renesas Technology Corp HD6433635SW Datasheet HTML 232Page - Renesas Technology Corp HD6433635SW Datasheet HTML 233Page - Renesas Technology Corp HD6433635SW Datasheet HTML 234Page - Renesas Technology Corp HD6433635SW Datasheet HTML 235Page - Renesas Technology Corp HD6433635SW Datasheet HTML 236Page - Renesas Technology Corp HD6433635SW Datasheet HTML 237Page - Renesas Technology Corp HD6433635SW Datasheet HTML 238Page - Renesas Technology Corp HD6433635SW Datasheet HTML 239Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 418 page
background image
221
6. Read the received data from SDRL and SDRU, as follows.
8-bit transfer mode:
SDRL
16-bit transfer mode: Upper byte in SDRU, lower byte in SDRL
When an internal clock is used, a serial clock is output from pin SCK
1 in synchronization with the
transmit data. After data transmission is complete, the serial clock is not output until the next time
the start flag is set to 1. During this time, pin SO
1 continues to output the value of the last bit
transmitted.
When an external clock is used, data is transmitted and received in synchronization with the serial
clock input at pin SCK
1. After data transmission and reception are complete, an overrun occurs if
the serial clock continues to be input; no data is transmitted or received and the SCSR1 overrun
error flag (bit ORER) is set to 1.
While transmission is stopped, the output value of pin SO
1 can be changed by rewriting bit SOL in
SCSR1.
10.2.4
Interrupt Sources
SCI1 can generate an interrupt at the end of a data transfer.
When an SCI1 transfer is complete, bit IRRS1 in interrupt request register 1 (IRR1) is set to 1.
SCI1 interrupt requests can be enabled or disabled by bit IENS1 of interrupt enable register 1
(IENR1).
For further details, see 3.3, Interrupts.
10.2.5
Usage Notes
Note the following points when using SCI1.
1. When an external clock is input to the SCK1 pin
When SCK1 is designated as an input pin and an external clock is selected as the clock source,
do not input the external clock before writing 1 to the STF bit in SCSR1 to start the transfer
operation.
2. Confirming the end of serial transfer
Do not read or write to SCSR1 during serial transfer. The following two methods can be used
to confirm the end of serial transfer:
a. Using SCI1 interrupt exception handling
Set the IENS1 bit to 1 in IENR1 and execute interrupt exception handling.
b. Using IRR1 polling
With SCI1 interrupts disabled (IENS1 = 0 in IENR1), confirm that the IRRS1 bit in IRR1
has been set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com