Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 232 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 232 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 228Page - Renesas Technology Corp HD6433635SW Datasheet HTML 229Page - Renesas Technology Corp HD6433635SW Datasheet HTML 230Page - Renesas Technology Corp HD6433635SW Datasheet HTML 231Page - Renesas Technology Corp HD6433635SW Datasheet HTML 232Page - Renesas Technology Corp HD6433635SW Datasheet HTML 233Page - Renesas Technology Corp HD6433635SW Datasheet HTML 234Page - Renesas Technology Corp HD6433635SW Datasheet HTML 235Page - Renesas Technology Corp HD6433635SW Datasheet HTML 236Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 418 page
background image
218
Bit 0: STF
Description
0
Read
Indicates that transfer is stopped
(initial value)
Write
Invalid
1
Read
Indicates transfer in progress
Write
Starts a transfer operation
Serial Data Register U (SDRU)
Bit
76543210
SDRU7
SDRU6
SDRU5
SDRU4
SDRU3
SDRU2
SDRU1
SDRU0
Initial value
Undefined Undefined Undefined Undefined Undefined Undefined Undefined Undefined
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
SDRU is an 8-bit read/write register. It is used as the data register for the upper 8 bits in 16-bit
transfer (SDRL is used for the lower 8 bits).
Data written to SDRU is output to SDRL starting from the least significant bit (LSB). This data is
then replaced by LSB-first data input at pin SI
1, which is shifted in the direction from the most
significant bit (MSB) toward the LSB.
SDRU must be written or read only after data transmission or reception is complete. If this register
is written or read while a data transfer is in progress, the data contents are not guaranteed.
The SDRU value upon reset is not fixed.
Serial Data Register L (SDRL)
Bit
76543210
SDRL7
SDRL6
SDRL5
SDRL4
SDRL3
SDRL2
SDRL1
SDRL0
Initial value
Undefined Undefined Undefined Undefined Undefined Undefined Undefined Undefined
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
SDRL is an 8-bit read/write register. It is used as the data register in 8-bit transfer, and as the data
register for the lower 8 bits in 16-bit transfer (SDRU is used for the upper 8 bits).
In 8-bit transfer, data written to SDRL is output from pin SO
1 starting from the least significant bit
(LSB). This data is than replaced by LSB-first data input at pin SI
1, which is shifted in the
direction from the most significant bit (MSB) toward the LSB.
In 16-bit transfer, operation is the same as for 8-bit transfer, except that input data is fed in via
SDRU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com