Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 229 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 229 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 225Page - Renesas Technology Corp HD6433635SW Datasheet HTML 226Page - Renesas Technology Corp HD6433635SW Datasheet HTML 227Page - Renesas Technology Corp HD6433635SW Datasheet HTML 228Page - Renesas Technology Corp HD6433635SW Datasheet HTML 229Page - Renesas Technology Corp HD6433635SW Datasheet HTML 230Page - Renesas Technology Corp HD6433635SW Datasheet HTML 231Page - Renesas Technology Corp HD6433635SW Datasheet HTML 232Page - Renesas Technology Corp HD6433635SW Datasheet HTML 233Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 418 page
background image
215
Register Configuration: Table 10.3 shows the SCI1 register configuration.
Table 10.3
SCI1 Registers
Name
Abbrev.
R/W
Initial Value
Address
Serial control register 1
SCR1
R/W
H'00
H'FFA0
Serial control status register 1
SCSR1
R/W
H'9C
H'FFA1
Serial data register U
SDRU
R/W
Undefined
H'FFA2
Serial data register L
SDRL
R/W
Undefined
H'FFA3
10.2.2
Register Descriptions
Serial Control Register 1 (SCR1)
Bit
76543210
SNC1
SNC0
—
—
CKS3
CKS2
CKS1
CKS0
Initial value
00000000
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
SCR1 is an 8-bit read/write register for selecting the operation mode, the transfer clock source,
and the prescaler division ratio.
Upon reset, SCR1 is initialized to H'00. Writing to this register stops a transfer in progress.
Bits 7 and 6—Operation Mode Select 1, 0 (SNC1, SNC0): Bits 7 and 6 select the operation
mode.
Bit 7: SNC1
Bit 6: SNC0
Description
0
0
8-bit synchronous transfer mode
(initial value)
1
16-bit synchronous transfer mode
1
0
Continuous clock output mode*
1
1
Reserved*
2
Notes: 1. Pins SI
1 and SO1 should be used as general input or output ports.
2. Don’t set bits SNC1 and SNC0 to 11.
Bits 5 and 4—Reserved Bits: Bits 5 and 4 are reserved: they should always be cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com