Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 225 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 225 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 221Page - Renesas Technology Corp HD6433635SW Datasheet HTML 222Page - Renesas Technology Corp HD6433635SW Datasheet HTML 223Page - Renesas Technology Corp HD6433635SW Datasheet HTML 224Page - Renesas Technology Corp HD6433635SW Datasheet HTML 225Page - Renesas Technology Corp HD6433635SW Datasheet HTML 226Page - Renesas Technology Corp HD6433635SW Datasheet HTML 227Page - Renesas Technology Corp HD6433635SW Datasheet HTML 228Page - Renesas Technology Corp HD6433635SW Datasheet HTML 229Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 418 page
background image
211
H'FF
H'00
H'F1
TCW count
value
H'F1 written
to TCW
Start
H'F1 written to TCW
Reset generated
TCW overflow
512 øosc clock cycles
Internal reset
signal
4
× 106
8192
× 30 × 10–3 = 14.6
Example: With 30 ms overflow period when ø = 4 MHz
Therefore, 256 – 15 = 241 (H'F1) is set in TCW.
Figure 9.19 Example of Watchdog Timer Operation
9.6.4
Watchdog Timer Operating Modes
Watchdog timer operating modes are shown in table 9.18.
Table 9.18
Watchdog Timer Operating Modes
Operation Mode
Reset
Active
Sleep
Watch
Sub-
active
Sub-
sleep
Standby
TCW
Reset
Functions
Functions
Halted
Halted
Halted
Halted
TCSRW
Reset
Functions
Functions
Retained
Retained
Retained
Retained



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com