Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 222 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 222 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 218Page - Renesas Technology Corp HD6433635SW Datasheet HTML 219Page - Renesas Technology Corp HD6433635SW Datasheet HTML 220Page - Renesas Technology Corp HD6433635SW Datasheet HTML 221Page - Renesas Technology Corp HD6433635SW Datasheet HTML 222Page - Renesas Technology Corp HD6433635SW Datasheet HTML 223Page - Renesas Technology Corp HD6433635SW Datasheet HTML 224Page - Renesas Technology Corp HD6433635SW Datasheet HTML 225Page - Renesas Technology Corp HD6433635SW Datasheet HTML 226Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 418 page
background image
208
9.6.2
Register Descriptions
Timer Control/Status Register W (TCSRW)
Bit
76543210
B6WI
TCWE
B4WI
TCSRWE
B2WI
WDON
BOWI
WRST
Initial value
10101010
Read/Write
R
R/(W)*
R
R/(W)*
R
R/(W)*
R
R/(W)*
Note: * Can be written to only when the write condition is satisfied. For the write conditions, see the
individual bit descriptions.
Timer control/status register W (TCSRW) is an 8-bit read/write register that performs
TCSRW and TCW write control and watchdog timer operation control, and indicates the
operation status.
Bit 7—Bit 6 Write Inhibit (B6WI): Bit 7 controls writing of data to bit 6 of TCSRW.
This bit is always read as 1. Data is not stored if written to this bit.
Bit 7: B6WI
Description
0
Writing to bit 6 is enabled
1
Writing to bit 6 is disabled
(initial value)
Bit 6—Timer Counter W Write Enable (TCWE): Bit 6 controls writing of 8-bit data to
TCW.
Bit 6: TCWE
Description
0
Writing of 8-bit data to TCW is disabled
(initial value)
1
Writing of 8-bit data to TCW is enabled
Bit 5—Bit 4 Write Inhibit (B4WI): Bit 5 controls writing of data to bit 4 of TCSRW.
This bit is always read as 1. Data is not stored if written to this bit.
Bit 5: B4WI
Description
0
Writing to bit 4 is enabled
1
Writing to bit 4 is disabled
(initial value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com