Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 219 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 219 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 215Page - Renesas Technology Corp HD6433635SW Datasheet HTML 216Page - Renesas Technology Corp HD6433635SW Datasheet HTML 217Page - Renesas Technology Corp HD6433635SW Datasheet HTML 218Page - Renesas Technology Corp HD6433635SW Datasheet HTML 219Page - Renesas Technology Corp HD6433635SW Datasheet HTML 220Page - Renesas Technology Corp HD6433635SW Datasheet HTML 221Page - Renesas Technology Corp HD6433635SW Datasheet HTML 222Page - Renesas Technology Corp HD6433635SW Datasheet HTML 223Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 418 page
background image
205
9.5.4
Operation
Interval Timer Operation: When TMY7 in TMY is cleared to 0, timer Y operates as a 16-
bit interval timer.
In a reset, TCY is initialized to H'0000 and TMY7 is cleared to 0. Therefore, immediately
after a reset, interval timer count-up continues. The timer Y operating clock can be selected
with bits TMY2 to TMY0 in TMY from seven internal clocks output from prescaler S and the
external clock from the TMCIY input pin.
When a clock pulse is input after the TCY count value has reached H'FFFF, timer Y
overflows and bit IRRTY in IRR1 is set to 1. If bit IENTY in IENR1 is set to 1 at this time, an
interrupt request is sent to the CPU.*
When TCY overflows, the TCY count value returns to H'0000, and the count-up begins again
from that value.
When TLY is set in interval timer operation, the TLY value is simultaneously loaded into
TCY.
Note: * For details of the interrupt, see section 3.3, Interrupts.
Auto-Reload Timer Operation: When TMY7 in TMY is set to 1, timer Y operates as a 16-
bit auto-reload timer. When a reload value is set in TLY, it is simultaneously loaded into
TCY, and TCY starts counting up from that value.
When a clock pulse is input after the TCY count value has reached H'FFFF, timer Y
overflows, the TLY value is loaded into TCY, and the count-up continues from that value. An
overflow period in the range of 1 to 65,536 input clock cycles can therefore be set, according
to the TLY value.
The clock and interrupt conditions in auto-reload operation are the same as in interval
operation.
When the TLY is set again in auto-reload operation, the TLY value is simultaneously loaded
into TCY.
Event Counter: Timer Y operates as an event counter using the TMCIY pin as the event
input pin.
When TMY2 to TMY0 in TMY are set to 111, external event operation is selected, and TCY
counts up on the rising/falling edges of TMCIY pin input.
When external event input is used, bit IEN2 in IENR1 should be cleared to 0 to disable IRQ
2
interrupt requests.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com