Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 216 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 216 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 212Page - Renesas Technology Corp HD6433635SW Datasheet HTML 213Page - Renesas Technology Corp HD6433635SW Datasheet HTML 214Page - Renesas Technology Corp HD6433635SW Datasheet HTML 215Page - Renesas Technology Corp HD6433635SW Datasheet HTML 216Page - Renesas Technology Corp HD6433635SW Datasheet HTML 217Page - Renesas Technology Corp HD6433635SW Datasheet HTML 218Page - Renesas Technology Corp HD6433635SW Datasheet HTML 219Page - Renesas Technology Corp HD6433635SW Datasheet HTML 220Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 418 page
background image
202
Timer Load Register Y (TLY)
Timer Load Register YH (TLYH)
Timer Load Register YL (TLYL)
TLY
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Initial value
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Read/Write
W
W
W
W
W
W
W
W
W
W
W
W
W
W
W
W
TLYH
TLYL
Timer load register Y (TLY) is a 16-bit write-only register that is set with the TCY load
value.
When the load value is set in TLY, that value is simultaneously loaded into TCY, and TCY
starts counting up from that value. In auto-reload operation, the TLY value is loaded into
TCY when TCY overflows. The overflow period can therefore be set in the range of 1 to
65,536 input clock cycles.
TLY is allocated to the same address as TCY.
Upon reset, TLY is initialized to H'0000.
9.5.3
Interface with the CPU
TCY and TLY are 16-bit registers, whereas the data bus between the CPU and on-chip
peripheral modules has an 8-bit width. For this reason, when the CPU accesses TCY or TLY,
it makes use of an 8-bit temporary register (TEMP).
An access must be performed as a 16-bit unit (using two consecutive byte-size MOV
instructions), accessing the upper byte first, then the lower byte. Data will not be transferred
properly if only the upper or only the lower byte is accessed.
Write Access: When the upper byte is written, the upper-byte data is loaded into the TEMP
register. Next when the lower byte is written, the data in TEMP goes to the upper byte of the
register, and the lower-byte data goes directly to the lower byte of the register. Figure 9.16
shows a TLY write operations when H'AA55 is written to TLY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com