Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 215 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 215 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 211Page - Renesas Technology Corp HD6433635SW Datasheet HTML 212Page - Renesas Technology Corp HD6433635SW Datasheet HTML 213Page - Renesas Technology Corp HD6433635SW Datasheet HTML 214Page - Renesas Technology Corp HD6433635SW Datasheet HTML 215Page - Renesas Technology Corp HD6433635SW Datasheet HTML 216Page - Renesas Technology Corp HD6433635SW Datasheet HTML 217Page - Renesas Technology Corp HD6433635SW Datasheet HTML 218Page - Renesas Technology Corp HD6433635SW Datasheet HTML 219Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 418 page
background image
201
Timer Counter Y (TCY)
Timer Counter YH (TCYH)
Timer Counter YL (TCYL)
TCY
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Initial value
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Read/Write
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
TCYH
TCYL
Timer counter Y (TCY) is a 16-bit readable up-counter that is incremented by an input
internal clock or external events. The input clock is selected with bits TMY2 to TMY0 in
TMY.
When TCY overflows (from H'FFFF to H'0000, or from H'FFFF to the TLY set value),
IRRTY in IRR2 is set to 1.
The TCY value can be read by the CPU at any time, but as it is a 16-bit register, data transfer
between TCY and the CPU is carried out via a temporary register (TEMP). For details, see
9.5.3, CPU Interface.
TCY is allocated to the same address as TLY.
Upon reset, TCY is initialized to H'0000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com