Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 230 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 230 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 226Page - Renesas Technology Corp HD6433635SW Datasheet HTML 227Page - Renesas Technology Corp HD6433635SW Datasheet HTML 228Page - Renesas Technology Corp HD6433635SW Datasheet HTML 229Page - Renesas Technology Corp HD6433635SW Datasheet HTML 230Page - Renesas Technology Corp HD6433635SW Datasheet HTML 231Page - Renesas Technology Corp HD6433635SW Datasheet HTML 232Page - Renesas Technology Corp HD6433635SW Datasheet HTML 233Page - Renesas Technology Corp HD6433635SW Datasheet HTML 234Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 418 page
background image
216
Bit 3—Clock Source Select 3 (CKS3): Bit 3 selects the clock source and sets pin SCK
1 as an
input or output pin.
Bit 3: CKS3
Description
0
Clock source is prescaler S, and pin SCK
1 is output pin
(initial value)
1
Clock source is external clock, and pin SCK
1 is input pin
Bits 2 to 0—Clock Select 2 to 0 (CKS2 to CKS 0): When CKS3 = 0, bits 2 to 0 select the
prescaler division ratio and the serial clock cycle.
Serial Clock Cycle
Bit 2: CKS2
Bit 1: CKS1
Bit 0: CKS0
Prescaler Division
ø = 5 MHz
ø = 2.5 MHz
0
0
0
ø/1024 (initial value)
204.8
µs
409.6
µs
1
ø/256
51.2
µs
102.4
µs
1
0
ø/64
12.8
µs
25.6
µs
1
ø/32
6.4
µs
12.8
µs
1
0
0
ø/16
3.2
µs
6.4
µs
1
ø/8
1.6
µs
3.2
µs
1
0
ø/4
0.8
µs
1.6
µs
1
ø/2
—
0.8
µs
Serial Control/Status Register 1 (SCSR1)
Bit
76543210
—
SOL
ORER
————
STF
Initial value
10011100
Read/Write
—
R/W
R/(W)*
———
R
R/W
Note: * Only a write of 0 for flag clearing is possible.
SCSR1 is an 8-bit read/write register indicating operation status and error status.
Upon reset, SCSR1 is initialized to H'9C.
Do not read or write to SCSR1 during a transfer operation, as this will cause erroneous operation.
Bit 7—Reserved Bit: Bit 7 is reserved; it is always read as 1, and cannot be modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com