Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 274 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 274 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 270Page - Renesas Technology Corp HD6433635SW Datasheet HTML 271Page - Renesas Technology Corp HD6433635SW Datasheet HTML 272Page - Renesas Technology Corp HD6433635SW Datasheet HTML 273Page - Renesas Technology Corp HD6433635SW Datasheet HTML 274Page - Renesas Technology Corp HD6433635SW Datasheet HTML 275Page - Renesas Technology Corp HD6433635SW Datasheet HTML 276Page - Renesas Technology Corp HD6433635SW Datasheet HTML 277Page - Renesas Technology Corp HD6433635SW Datasheet HTML 278Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 418 page
background image
260
SCI3 operates as follows when receiving serial data in synchronous mode.
In synchronization with the input or output of the serial clock, SCI3 initializes internally and starts
receiving. Received data is set in RSR from LSB to MSB.
After data has been received, SCI3 checks to confirm that the value of bit RDRF is 0 indicating
that received data can be transferred from RSR to RDR. If this check passes, RDRF is set to 1 and
the received data is stored in RDR. At this time, if bit RIE in SCR3 is set to 1, an RXI interrupt is
requested. If an overrun error is detected, OER is set to 1 and RDRF remains set to 1. Then if bit
RIE in SCR3 is set to 1, an ERI interrupt is requested.
For the overrun error detection conditions and receive data processing, see table 10.15.
Note:
Data receiving cannot be continued while a receive error flag is set. Before continuing the
receive operation it is necessary to clear the OER, FER, PER, and RDRF flags to 0.
Figure 10.17 shows a typical receive operation in synchronous mode.
Serial
clock
Serial
data
RDRF
OER
SCI3
operation
User
processing
Bit 7
Bit 0
Bit 7
Bit 0
Bit 1
Bit 6
Bit 7
1 frame
1 frame
RXI request RDRF cleared
to 0
RXI request
Read data
from RDR
ERI request due
to overrun error
RDR data
not read
(RDRF = 1)
Overrun error
handling
Figure 10.17 Typical Receive Operation in Synchronous Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com