Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 271 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 271 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 267Page - Renesas Technology Corp HD6433635SW Datasheet HTML 268Page - Renesas Technology Corp HD6433635SW Datasheet HTML 269Page - Renesas Technology Corp HD6433635SW Datasheet HTML 270Page - Renesas Technology Corp HD6433635SW Datasheet HTML 271Page - Renesas Technology Corp HD6433635SW Datasheet HTML 272Page - Renesas Technology Corp HD6433635SW Datasheet HTML 273Page - Renesas Technology Corp HD6433635SW Datasheet HTML 274Page - Renesas Technology Corp HD6433635SW Datasheet HTML 275Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 418 page
background image
257
Transmitting: Figure 10.14 shows a typical flow chart for data transmission. After SCI3
initialization, follow the procedure below.
Start
Read bit TDRE in SSR
TDRE = 1?
Write transmit data in TDR
Continue data transmission?
Read bit TEND in SSR
TEND = 1?
Write 0 to bit TE in SCR3
End
No
Yes
No
Yes
No
Yes
1
2
1.
2.
Read the serial status register (SSR),
and after confirming that bit TDRE = 1,
write transmit data in the transmit
data register (TDR).
When data is written to TDR, TDRE is
automatically cleared to 0.
If clock output has been selected, after
data is written to TDR, the clock is
output and data transmission begins.
To continue transmitting data, first read
TDRE to confirm that it is set to 1, indicating
that data writing is enabled; then write the
next data to TDR. When data is written to
TDR, TDRE is automatically cleared to 0.
Figure 10.14 Typical Data Transmission Flow Chart in Synchronous Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com