Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 268 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 268 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 264Page - Renesas Technology Corp HD6433635SW Datasheet HTML 265Page - Renesas Technology Corp HD6433635SW Datasheet HTML 266Page - Renesas Technology Corp HD6433635SW Datasheet HTML 267Page - Renesas Technology Corp HD6433635SW Datasheet HTML 268Page - Renesas Technology Corp HD6433635SW Datasheet HTML 269Page - Renesas Technology Corp HD6433635SW Datasheet HTML 270Page - Renesas Technology Corp HD6433635SW Datasheet HTML 271Page - Renesas Technology Corp HD6433635SW Datasheet HTML 272Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 418 page
background image
254
Figure 10.11 shows a typical SCI3 data receive operation in asynchronous mode.
0
D0
D1
D7
0/1
1
D0
D1
D7
0/1
0
0
Start
bit
Parity
bit
Stop
bit
Parity
bit
Stop
bit
1
Start
bit
Mark
(idle state)
RDRF
FER
1 frame
Serial
data
RXI request
Detects stop bit = 0
ERI request due
to framing error
1 frame
1
SCI3 operation
Receive
data
Receive
data
Read RDR data
User processing
RDRF cleared
to 0
Framing error
handling
Figure 10.11 Typical Receive Operation in Asynchronous Mode
(8-Bit Data, Parity Bit Added, and 1 Stop Bit)
10.3.5
Operation in Synchronous Mode
In synchronous mode, data is sent or received in synchronization with clock pulses. This mode is
suited to high-speed serial communication.
SCI3 consists of independent transmit and receive modules, so full duplex communication is
possible, sharing the same clock between both modules. Both the transmit and receive modules
have a double-buffer configuration. This allows data to be written during a transmit operation so
that data can be transmitted continuously, and enables data to be read during a receive operation so
that data can be received continuously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com