Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 269 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 269 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 265Page - Renesas Technology Corp HD6433635SW Datasheet HTML 266Page - Renesas Technology Corp HD6433635SW Datasheet HTML 267Page - Renesas Technology Corp HD6433635SW Datasheet HTML 268Page - Renesas Technology Corp HD6433635SW Datasheet HTML 269Page - Renesas Technology Corp HD6433635SW Datasheet HTML 270Page - Renesas Technology Corp HD6433635SW Datasheet HTML 271Page - Renesas Technology Corp HD6433635SW Datasheet HTML 272Page - Renesas Technology Corp HD6433635SW Datasheet HTML 273Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 418 page
background image
255
(1) Transmit/Receive Format: Figure 10.12 shows the general communication data format for
synchronous communication.
Note:
At high level except during continuous transmit/receive.
Serial data
Serial clock
One unit of communication data (character or frame)
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
Don't
care
Don't
care
*
*
*
LSB
MSB
8 bits
Figure 10.12 Data Format in Synchronous Communication Mode
In synchronous communication, data is output to the communication line during the period from
one falling edge of the synchronous clock to the next falling edge. Data fixing is guaranteed at the
rising edge of the synchronous clock.
One character of data starts from the LSB and ends with the MSB. The communication line retains
the MSB state after the MSB is output.
In synchronous receive mode, SCI3 latches receive data in synchronization with the rising edge of
the serial clock.
The transmit/receive format is fixed at 8-bit data. No parity bit or multiprocessor bit is added in
this mode.
(2) Clock: Either an internal clock from the built-in baud rate generator is used, or an external
clock is input at pin SCK
3. The choice of clock sources is designated by bit COM in SMR and bits
CKE1 and CKE0 in serial control register 3 (SCR3). See table 10.12 for details on selecting the
clock source.
When operation is based on an internal clock, a serial clock is output at pin SCK
3. Eight clock
pulses are output per character of transmit/receive data. When no transmit or receive operation is
being performed, the pin is held at the high level.
(3) Data Transmit/Receive Operations
SCI3 Initialization: Before data is sent or received, bits TE and RE in serial control register 3
(SCR3) must be cleared to 0, after which initialization can be performed using the procedure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com