Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 291 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 291 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 287Page - Renesas Technology Corp HD6433635SW Datasheet HTML 288Page - Renesas Technology Corp HD6433635SW Datasheet HTML 289Page - Renesas Technology Corp HD6433635SW Datasheet HTML 290Page - Renesas Technology Corp HD6433635SW Datasheet HTML 291Page - Renesas Technology Corp HD6433635SW Datasheet HTML 292Page - Renesas Technology Corp HD6433635SW Datasheet HTML 293Page - Renesas Technology Corp HD6433635SW Datasheet HTML 294Page - Renesas Technology Corp HD6433635SW Datasheet HTML 295Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 418 page
background image
277
11.2
Register Descriptions
11.2.1
DTMF Control Register (DTCR)
Bit
76543210
DTEN
—
CLOE
RWOE
CLF1
CLF0
RWF1
RWF0
Initial value
01000000
Read/Write
R/W
—
R/W
R/W
R/W
R/W
R/W
R/W
DTCR is an 8-bit read/write register that enables the DTMF generator, enables row and column
output, and selects the output frequencies.
Upon reset, DTCR is initialized to H'40.
Bit 7—DTMF Generator Enable (DTEN): Bit 7 enables or disables operation of the DTMF
generator.
Bit 7: DTEN
Description
0
DTMF generator is halted
(initial value)
1
DTMF generator operates
Bit 6—Reserved Bit: Bit 6 is reserved: it is always read as 1, and cannot be modified.
Bit 5—Column Output Enable (CLOE): Bit 5 enables or disables DTMF column signal output.
Bit 5: CLOE
Description
0
DTMF column signal output is disabled (high-impedance)
(initial value)
1
DTMF column signal output is enabled
Bit 4—Row Output Enable (RWOE): Bit 4 enables or disables DTMF row signal output.
Bit 4: RWOE
Description
0
DTMF row signal output is disabled (high-impedance)
(initial value)
1
DTMF row signal output is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com