Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 295 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 295 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 291Page - Renesas Technology Corp HD6433635SW Datasheet HTML 292Page - Renesas Technology Corp HD6433635SW Datasheet HTML 293Page - Renesas Technology Corp HD6433635SW Datasheet HTML 294Page - Renesas Technology Corp HD6433635SW Datasheet HTML 295Page - Renesas Technology Corp HD6433635SW Datasheet HTML 296Page - Renesas Technology Corp HD6433635SW Datasheet HTML 297Page - Renesas Technology Corp HD6433635SW Datasheet HTML 298Page - Renesas Technology Corp HD6433635SW Datasheet HTML 299Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 295 / 418 page
background image
281
Table 11.3 indicates the frequency deviation between the DTMF signals output by the DTMF
generator and the nominal (standard) signal values.
Table 11.3
Frequency Deviation of DTMF Signals from Nominal Signals
Symbol
Standard Signal
Frequency (Hz)
DTMF Signal
Output (Hz)
Frequency
Deviation (%)
R1
697
694.44
–0.37
R2
770
769.23
–0.10
R3
852
851.06
–0.11
R4
941
938.97
–0.22
C1
1209
1212.12
0.26
C2
1336
1333.33
–0.20
C3
1477
1481.48
0.30
C4
1633
1639.34
0.39
11.3.2
Operation Flow
The procedure for using the DTMF generator is given below.
1. Set the OSC clock division ratio in DTLR to match the frequency of the connected system
clock oscillator (1.2 MHz to 10 MHz in 400-kHz steps).
2. Select a row (R1 to R4) and/or column (C1 to C4) frequency with bits CLF1, CLF0, RWF1,
and RWF0 in DTCR.
3. Select row and/or column output with the CLOE and RWOE bits in DTCR, and set the DTEN
bit to 1 to enable the DTMF generator.
This procedure outputs the selected DTMF signal from the TONED pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com