Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 302 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 302 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 298Page - Renesas Technology Corp HD6433635SW Datasheet HTML 299Page - Renesas Technology Corp HD6433635SW Datasheet HTML 300Page - Renesas Technology Corp HD6433635SW Datasheet HTML 301Page - Renesas Technology Corp HD6433635SW Datasheet HTML 302Page - Renesas Technology Corp HD6433635SW Datasheet HTML 303Page - Renesas Technology Corp HD6433635SW Datasheet HTML 304Page - Renesas Technology Corp HD6433635SW Datasheet HTML 305Page - Renesas Technology Corp HD6433635SW Datasheet HTML 306Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 418 page
background image
288
12.2.3
A/D Start Register (ADSR)
Bit
76543210
ADSF
———————
Initial value
01111111
Read/Write
R/W
———————
The A/D start register (ADSR) is an 8-bit read/write register for starting and stopping A/D
conversion.
A/D conversion is started by writing 1 to the A/D start flag (ADSF) or by input of the designated
edge of the external trigger signal, which also sets ADSF to 1. When conversion is complete, the
converted data is set in the A/D result register (ADRR), and at the same time ADSF is cleared
to 0.
Bit 7—A/D Start Flag (ADSF): Bit 7 controls and indicates the start and end of A/D conversion.
Bit 7: ADSF
Description
0
Read access
Indicates the completion of A/D conversion.
(initial value)
Write access
Stops A/D conversion.
1
Read access
Indicates A/D conversion in progress.
Write access
Starts A/D conversion.
Bits 6 to 0—Reserved Bits: Bits 6 to 0 are reserved; they are always read as 1, and cannot be
modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com