Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 303 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 303 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 299Page - Renesas Technology Corp HD6433635SW Datasheet HTML 300Page - Renesas Technology Corp HD6433635SW Datasheet HTML 301Page - Renesas Technology Corp HD6433635SW Datasheet HTML 302Page - Renesas Technology Corp HD6433635SW Datasheet HTML 303Page - Renesas Technology Corp HD6433635SW Datasheet HTML 304Page - Renesas Technology Corp HD6433635SW Datasheet HTML 305Page - Renesas Technology Corp HD6433635SW Datasheet HTML 306Page - Renesas Technology Corp HD6433635SW Datasheet HTML 307Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 418 page
background image
289
12.3
Operation
12.3.1
A/D Conversion Operation
The A/D converter operates by successive approximations, and yields its conversion result as 8-bit
data.
A/D conversion begins when software sets the A/D start flag (bit ADSF) to 1. Bit ADSF keeps a
value of 1 during A/D conversion, and is cleared to 0 automatically when conversion is complete.
The completion of conversion also sets bit IRRAD in interrupt request register 2 (IRR2) to 1. An
A/D conversion end interrupt is requested if bit IENAD in interrupt enable register 2 (IENR2) is
set to 1.
If the conversion time or input channel needs to be changed in the A/D mode register (AMR)
during A/D conversion, bit ADSF should first be cleared to 0, stopping the conversion operation,
in order to avoid malfunction.
12.3.2
Start of A/D Conversion by External Trigger Input
The A/D converter can be made to start A/D conversion by input of an external trigger signal.
External trigger input is enabled at pin
ADTRG when bit IRQ4 in port mode register 2 for the I/O
port (PMR2) is set to 1, and bit TRGE in AMR is set to 1. Then when the input signal edge
designated in bit IEG4 of the IRQ edge select register (IEGR) is detected at pin
ADTRG, bit
ADSF in ADSR will be set to 1, starting A/D conversion.
Figure 12.2 shows the timing.
ø
Pin
ADTRG
(when bit
IEG4 = 0)
ADSF
A/D conversion
Figure 12.2 External Trigger Input Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com