Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 321 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 321 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 317Page - Renesas Technology Corp HD6433635SW Datasheet HTML 318Page - Renesas Technology Corp HD6433635SW Datasheet HTML 319Page - Renesas Technology Corp HD6433635SW Datasheet HTML 320Page - Renesas Technology Corp HD6433635SW Datasheet HTML 321Page - Renesas Technology Corp HD6433635SW Datasheet HTML 322Page - Renesas Technology Corp HD6433635SW Datasheet HTML 323Page - Renesas Technology Corp HD6433635SW Datasheet HTML 324Page - Renesas Technology Corp HD6433635SW Datasheet HTML 325Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 321 / 418 page
background image
307
14.2.3
AC Characteristics
Table 14.3 lists the control signal timing, and tables 14.4 and 14.5 list the serial interface timing.
Table 14.3
Control Signal Timing
V
CC = 2.2 V to 5.5 V, AVCC = 2.2 V to 5.5 V, VSS = AVSS = 0.0 V, Ta = –20 to +75°C, including
subactive mode, unless otherwise specified.
Item
Symbol
Applicable
Pins
Min
Typ
Max
Unit
Test Condition
Reference
Figure
System clock
f
OSC
OSC
1, OSC2
2
—
10
MHz
V
CC = 2.7 V to 5.5 V
oscillation frequency
2
—
5
OSC clock (ø
OSC)tOSC
OSC
1, OSC2
100
—
1000
ns
V
CC = 2.7 V to 5.5 V
1
cycle time
200
—
1000
Figure 14.1
System clock (ø)
t
cyc
2
—
16
t
OSC
1
cycle time
—
—
2000
ns
Subclock oscillation
frequency
f
W
X
1, X2
—
32.768 —
kHz
Watch clock cycle
time (ø
W)
t
W
X
1, X2
—
30.5
—
µs
Subclock (ø
SUB)
cycle time
t
subcyc
2—
8
t
W
2
Instruction cycle time
2
—
—
t
cyc
t
subcyc
Oscillation stabiliza-
tion time
t
rc
OSC
1, OSC2
—
—
40
ms
V
CC = 4.0 V to 5.5 V
(crystal oscillator)
—
—
60
V
CC = 2.5 V to 5.5 V
Oscillation
stabilization time
t
rc
X
1, X2
——
2
s
V
CC = 2.5 V to 5.5 V
External clock high
t
CPH
OSC
1
40
—
—
ns
V
CC = 2.7 V to 5.5 V
Figure 14.1
width
80
—
—
External clock low
t
CPL
OSC
1
40
—
—
ns
V
CC = 2.7 V to 5.5 V
Figure 14.1
width
80
—
—
External clock rise
t
CPr
—
—
15
ns
V
CC = 2.7 V to 5.5 V
Figure 14.1
time
——
20
External clock fall
t
CPf
—
—
15
ns
V
CC = 2.7 V to 5.5 V
Figure 14.1
time
——
20
Pin
RES low width
t
REL
RES
18
—
—
t
cyc
t
subcyc
Figure 14.2
Oscillation start
V
start
OSC
1, OSC2
2.5
—
—
V
voltage
X
1, X2
2.5
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com