Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 319 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 319 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 315Page - Renesas Technology Corp HD6433635SW Datasheet HTML 316Page - Renesas Technology Corp HD6433635SW Datasheet HTML 317Page - Renesas Technology Corp HD6433635SW Datasheet HTML 318Page - Renesas Technology Corp HD6433635SW Datasheet HTML 319Page - Renesas Technology Corp HD6433635SW Datasheet HTML 320Page - Renesas Technology Corp HD6433635SW Datasheet HTML 321Page - Renesas Technology Corp HD6433635SW Datasheet HTML 322Page - Renesas Technology Corp HD6433635SW Datasheet HTML 323Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 319 / 418 page
background image
305
Table 14.2
DC Characteristics (cont)
V
CC = 2.2 V to 5.5 V, AVCC = 2.2 V to 5.5 V, VSS = AVSS = 0.0 V, Ta = –20 to +75°C, including
subactive mode, unless otherwise indicated.
Item
Symbol
Applicable
Pins
Min
Typ
Max
Unit
Test Condition
Notes
Active mode current
dissipation
I
OPE1
V
CC
—
12
18
mA
Active mode (high
speed), V
CC = 5 V,
f
osc = 10 MHz
4, 5
I
OPE2
V
CC
—
3.0
5
mA
Active mode (medium
speed), V
CC = 5 V,
f
osc = 10 MHz
4, 5
Sleep mode current
dissipation
I
SLEEP
V
CC
—
6
10
mA
V
CC = 5 V,
f
osc = 10 MHz
4, 5
Subactive mode
current dissipation
I
SUB
V
CC
—20
50
µAV
CC = 2.7 V,
32-kHz crystal oscillator
(ø
SUB = øw/2)
4, 5
—10
—
µAV
CC = 2.7 V,
32-kHz crystal oscillator
(ø
SUB = øw/8)
Reference
value
4, 5
Subsleep mode
current dissipation
I
SUBSP
V
CC
—10
35
µAV
CC = 2.7 V,
32-kHz crystal oscillator
(ø
SUB = øw/2)
4, 5
Watch mode current
dissipation
I
WATCH
V
CC
——6
µAV
CC = 2.7 V,
32-kHz crystal oscillator
4, 5
Standby mode
current dissipation
I
STBY
V
CC
——5
µA
32-kHz crystal oscillator
not used
4, 5
RAM data retaining
voltage
V
RAM
V
CC
2—
—
V
Notes: 4. Pin states during current measurement are shown below.
Mode
Other Pins
Internal State
Oscillator Pins
Active mode (high and
mediumspeed)
V
CC
Operates
System clock oscillator: Crystal
Subclock oscillator: Pin X
1 = VCC
Sleep mode
V
CC
Only timer operates
Subactive mode
V
CC
Operates
System clock oscillator: Crystal
Subsleep mode
V
CC
Only timer operates,
CPU stops
Subclock oscillator: Crystal
Watch mode
V
CC
Only time-base clock
operates, CPU stops
Standby mode
V
CC
CPU and timers all
stop
System clock oscillator: Crystal
Subclock oscillator: Pin X
1 = VCC
5. Excludes current in pull-up MOS transistors and output buffers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com