Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 316 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 316 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 312Page - Renesas Technology Corp HD6433635SW Datasheet HTML 313Page - Renesas Technology Corp HD6433635SW Datasheet HTML 314Page - Renesas Technology Corp HD6433635SW Datasheet HTML 315Page - Renesas Technology Corp HD6433635SW Datasheet HTML 316Page - Renesas Technology Corp HD6433635SW Datasheet HTML 317Page - Renesas Technology Corp HD6433635SW Datasheet HTML 318Page - Renesas Technology Corp HD6433635SW Datasheet HTML 319Page - Renesas Technology Corp HD6433635SW Datasheet HTML 320Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 316 / 418 page
background image
302
14.2.2
DC Characteristics
Table 14.2 lists the DC characteristics.
Table 14.2
DC Characteristics
V
CC = 2.2 V to 5.5 V, AVCC = 2.2 V to 5.5 V, VSS = AVSS = 0.0 V, Ta = –20 to +75°C, including
subactive mode, unless otherwise indicated.
Item
Symbol
Applicable Pins
Min
Typ
Max
Unit
Test Condition
Note
Input high
voltage
V
IH
RES,
WKP
0 to WKP7
0.8 V
CC
—V
CC +0.3
V
V
CC = 2.7 V to 5.5 V
IRQ
0 to IRQ4,
TMIF, TMIG,
TMCIY, SCK
1,
SCK
3, ADTRG
0.9 V
CC
—V
CC +0.3
SI
1, RXD
0.7 V
CC
—V
CC +0.3
V
V
CC = 2.7 V to 5.5 V
0.8 V
CC
—
OSC
1
V
CC –0.3
—
V
CC +0.3
V
V
CC = 2.7 V to 5.5 V
V
CC –0.5
—
P1
0 to P17,
P2
0 to P27,
P5
0 to P57,
P6
0 to P67,
P7
0 to P77,
0.7 V
CC
—V
CC +0.3
V
V
CC = 2.7 V to 5.5 V
P8
0 to P87,
P9
0 to P97,
PA
0 to PA3,
PE
2 to PE3
0.8 V
CC
—V
CC +0.3
PB
4 to PB7
0.7 V
CC
—AV
CC +0.3
V
V
CC = 2.7 V to 5.5 V
0.8 V
CC
—
Input low
voltage
V
IL
RES,
WKP
0 to WKP7
–0.3
—
0.2 V
CC
VV
CC = 2.7 V to 5.5 V
IRQ
0 to IRQ4,
TMIF, TMIG,
TMCIY, SCK
1,
SCK
3, ADTRG
–0.3
—
0.1 V
CC
SI
1, RXD
–0.3
—
0.3 V
CC
VV
CC = 2.7 V to 5.5 V
–0.3
—
0.2 V
CC
OSC
1
–0.3
—
0.5
V
V
CC = 2.7 V to 5.5 V
–0.3
—
0.3
Note:
Connect pin TEST to V
SS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com