Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 312 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 312 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 308Page - Renesas Technology Corp HD6433635SW Datasheet HTML 309Page - Renesas Technology Corp HD6433635SW Datasheet HTML 310Page - Renesas Technology Corp HD6433635SW Datasheet HTML 311Page - Renesas Technology Corp HD6433635SW Datasheet HTML 312Page - Renesas Technology Corp HD6433635SW Datasheet HTML 313Page - Renesas Technology Corp HD6433635SW Datasheet HTML 314Page - Renesas Technology Corp HD6433635SW Datasheet HTML 315Page - Renesas Technology Corp HD6433635SW Datasheet HTML 316Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 312 / 418 page
background image
298
13.3
Operation
When using the 14-bit PWM, register settings should be carried out in the following order:
1. Set PWM in PMR1 to 1 to designate the P1
4/PWM pin as the PWM output pin.
2. Use PWCR0 in PWCR to select either 32,768/ø (PWCR0 = 1) or 16,384/ø (PWCR0 = 0) as the
conversion period.
3. Set the output waveform data in PWDRU and PWDRL. Data must be written to PWDRL first,
then to PWDRU. When PWDRU is written to, the data is simultaneously latched in the PWM
waveform generator, and PWM waveform generation updating is performed in synchronization
with an internal signal.
As shown in figure 13.2, one conversion period consists of 64 pulses; the total high-level width
(T
H) during this conversion period corresponds to the data in PWDRU and PWDRL.
T
H = (PWDRU/PWDRL data value + 64) × tø/2
Here, tø is the PWM input clock cycle: either 2/ø (when PWCR0 = 0) or 4/ø (when PWCR0 = 1).
Example: To set a conversion period of 8,192
µs, the following settings are made.
When PWCR0 is cleared to 0, one conversion period is 16,384/ø, and therefore ø = 2
MHz. In this case, t
fn = 128 µs, and 1/ø (precision) = 0.5 µs.
When PWCR0 is set to 1, one conversion period is 32,768/ø, and therefore ø = 4 MHz.
In this case, t
fn = 128 µs, and 2/ø (precision) = 0.5 µs.
Therefore, to set a conversion period of 8,192
µs, a system clock (ø) of 2 MHz or 4
MHz should be used.
Conversion period
t f1
t f2
t f63
t f64
t H1
t H2
t H3
t H63
t H64
T = t
+ t
+ t
+
t
= t
= t
H
H1
H2
H3
H64
.....
t
f1
f2
f3
.....
= t f64
Figure 13.2 PWM Output Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com