Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 310 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 310 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 306Page - Renesas Technology Corp HD6433635SW Datasheet HTML 307Page - Renesas Technology Corp HD6433635SW Datasheet HTML 308Page - Renesas Technology Corp HD6433635SW Datasheet HTML 309Page - Renesas Technology Corp HD6433635SW Datasheet HTML 310Page - Renesas Technology Corp HD6433635SW Datasheet HTML 311Page - Renesas Technology Corp HD6433635SW Datasheet HTML 312Page - Renesas Technology Corp HD6433635SW Datasheet HTML 313Page - Renesas Technology Corp HD6433635SW Datasheet HTML 314Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 310 / 418 page
background image
296
13.1.3
Pin Configuration
Table 13.1 shows the 14-bit PWM output pin.
Table 13.1
Pin Configuration
Name
Abbrev.
I/O
Function
PWM output
PWM
Output
Pulse-division PWM waveform output pin
13.1.4
Register Configuration
Table 13.2 shows the 14-bit PWM register configuration.
Table 13.2
14-Bit PWM Register
Name
Abbrev.
R/W
Initial Value
Address
PWM control register
PWCR
W
H'FE
H'FFA4
PWM data register U
PWDRU
W
H'C0
H'FFA5
PWM data register L
PWDRL
W
H'00
H'FFA6
13.2
Register Descriptions
13.2.1
PWM Control Register (PWCR)
Bit
76543210
———————
PWCR0
Initial value
11111110
Read/Write
———————W
PWCR is an 8-bit write-only register that selects the input clock.
Upon reset, PWCR is initialized to H'FE.
Bits 7 to 1—Reserved Bits: Bits 7 to 1 are reserved bits. They are always read as 1 and cannot be
modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com