Electronic Components Datasheet Search
  English  ▼

X  

HD6433635SW Datasheet(PDF) 311 Page - Renesas Technology Corp

Part # HD6433635SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433635SW Datasheet(HTML) 311 Page - Renesas Technology Corp

Back Button HD6433635SW Datasheet HTML 307Page - Renesas Technology Corp HD6433635SW Datasheet HTML 308Page - Renesas Technology Corp HD6433635SW Datasheet HTML 309Page - Renesas Technology Corp HD6433635SW Datasheet HTML 310Page - Renesas Technology Corp HD6433635SW Datasheet HTML 311Page - Renesas Technology Corp HD6433635SW Datasheet HTML 312Page - Renesas Technology Corp HD6433635SW Datasheet HTML 313Page - Renesas Technology Corp HD6433635SW Datasheet HTML 314Page - Renesas Technology Corp HD6433635SW Datasheet HTML 315Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 311 / 418 page
background image
297
Bit 0—Clock Select 0 (PWCR0): Bit 0 selects the clock supplied to the 14-bit PWM. It is a
write-only bit, and is always read as 1.
Bit 0: PWCR0
Description
0
Input clock ø/2 (tø* = 2/ø)
(initial value)
PWM waveform generated with conversion cycle of 16,384/ø and minimum
transition width of 1/ø
1
Input clock ø/4 (tø* = 4/ø)
PWM waveform generated with conversion cycle of 32,768/ø and minimum
transition width of 2/ø
Note: * tø: PWM input clock cycle
13.2.2
PWM Data Registers U and L (PWDRU, PWDRL)
Bit
76543210
PWDRU
—
—
PWDRU5 PWDRU4 PWDRU3 PWDRU2 PWDRU1 PWDRU0
Initial value
11000000
Read/Write
—
—
WWWWWW
Bit
76543210
PWDRL
PWDRL7 PWDRL6 PWDRL5 PWDRL4 PWDRL3 PWDRL2 PWDRL1 PWDRL0
Initial value
00000000
Read/Write
WWWWWWWW
PWDRU and PWDRL together comprise a 14-bit write-only register, with PWDRU as the upper 6
bits and PWDRL as the lower 8 bits. The value written to PWDRU and PWDRL corresponds to
the total high-level width of one PWM waveform cycle.
When 14-bit data is written to PWDRU and PWDRL, the contents of these registers are latched in
the PWM waveform generator, and the PWM waveform generation data is updated. The 14-bit
data must be set in the following order:
1. Write lower 8-bit data to PWDRL.
2. Write upper 6-bit data to PWDRU.
PWDRU and PWDRL are write-only registers, and all bits are always read as 1.
Upon reset, PWDRU and PWDRL together are initialized to H'C000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com