Electronic Components Datasheet Search
  English  ▼

X  

4502 Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # 4502
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4502 Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button 4502 Datasheet HTML 30Page - Renesas Technology Corp 4502 Datasheet HTML 31Page - Renesas Technology Corp 4502 Datasheet HTML 32Page - Renesas Technology Corp 4502 Datasheet HTML 33Page - Renesas Technology Corp 4502 Datasheet HTML 34Page - Renesas Technology Corp 4502 Datasheet HTML 35Page - Renesas Technology Corp 4502 Datasheet HTML 36Page - Renesas Technology Corp 4502 Datasheet HTML 37Page - Renesas Technology Corp 4502 Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 214 page
background image
FUNCTION BLOCK OPERATIONS
1-22
Rev.2.01
Feb 02, 2005
4502 Group
HARDWARE
REJ09B0193-0201
Table 7 External interrupt activated conditions
Name
External 0 interrupt
Input pin
INT
Activated condition
When the next waveform is input to INT pin
• Falling waveform (“H”
→“L”)
• Rising waveform (“L”
→“H”)
• Both rising and falling waveforms
Valid waveform
selection bit
I11
I12
Fig. 17 External interrupt circuit structure
EXTERNAL INTERRUPTS
The 4502 Group has the external 0 interrupt. An external interrupt
request occurs when a valid waveform is input to an interrupt input
pin (edge detection).
The external interrupt can be controlled with the interrupt control
register I1.
0
1
I12
0
1
EXF0
I11
SNZI0 instruction
P13/INT
K13
I13
(Note)
Wakeup
Skip
Rising
Falling
One-sided edge
detection circuit
Both edges
detection circuit
External 0
interrupt
This symbol represents a parasitic diode on the port.
•
Timer 1 count start
synchronization
circuit input
(1) External 0 interrupt request flag (EXF0)
External 0 interrupt request flag (EXF0) is set to “1” when a valid
waveform is input to INT pin.
The valid waveforms causing the interrupt must be retained at their
level for 4 clock cycles or more of the system clock (Refer to Figure
16).
The state of EXF0 flag can be examined with the skip instruction
(SNZ0). Use the interrupt control register V1 to select the interrupt
or the skip instruction. The EXF0 flag is cleared to “0” when an in-
terrupt occurs or when the next instruction is skipped with the skip
instruction.
• External 0 interrupt activated condition
External 0 interrupt activated condition is satisfied when a valid
waveform is input to INT pin.
The valid waveform can be selected from rising waveform, falling
waveform or both rising and falling waveforms. An example of
how to use the external 0 interrupt is as follows.
➀ Set the bit 3 of register I1 to “1” for the INT pin to be in the input
enabled state.
➁ Select the valid waveform with the bits 1 and 2 of register I1.
➂ Clear the EXF0 flag to “0” with the SNZ0 instruction.
➃ Set the NOP instruction for the case when a skip is performed
with the SNZ0 instruction.
➄ Set both the external 0 interrupt enable bit (V10) and the INTE
flag to “1.”
The external 0 interrupt is now enabled. Now when a valid wave-
form is input to the INT pin, the EXF0 flag is set to “1” and the
external 0 interrupt occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com