Electronic Components Datasheet Search
  English  ▼

X  

4502 Datasheet(PDF) 63 Page - Renesas Technology Corp

Part # 4502
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4502 Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button 4502 Datasheet HTML 59Page - Renesas Technology Corp 4502 Datasheet HTML 60Page - Renesas Technology Corp 4502 Datasheet HTML 61Page - Renesas Technology Corp 4502 Datasheet HTML 62Page - Renesas Technology Corp 4502 Datasheet HTML 63Page - Renesas Technology Corp 4502 Datasheet HTML 64Page - Renesas Technology Corp 4502 Datasheet HTML 65Page - Renesas Technology Corp 4502 Datasheet HTML 66Page - Renesas Technology Corp 4502 Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 214 page
background image
1-51
4502 Group
HARDWARE
Rev.2.01
Feb 02, 2005
REJ09B0193-0201
LIST OF PRECAUTIONS
Fig. 53 Analog input external circuit example-1
Fig. 54 Analog input external circuit example-2
Notes for the use of A/D conversion 2
Do not change the operating mode (both A/D conversion mode
and comparator mode) of A/D converter with the bit 3 of register
Q1 while the A/D converter is operating.
When the operating mode of A/D converter is changed from the
comparator mode to A/D conversion mode with the bit 3 of regis-
ter Q1, note the following;
• Clear the bit 2 of register V2 to “0” (refer to Figure 52➀) to change
the operating mode of the A/D converter from the comparator
mode to A/D conversion mode with the bit 3 of register Q1.
• The A/D conversion completion flag (ADF) may be set when the operat-
ing mode of the A/D converter is changed from the comparator mode to
the A/D conversion mode. Accordingly, set a value to the bit 3 of register
Q1, and execute the SNZAD instruction to clear the ADF flag.
Fig. 52 A/D conversion interrupt program example
Sensor
AIN
About 1k
Ω
Sensor
AIN
Apply the voltage withiin the specifications
to an analog input pin.
21
Note on Power Source Voltage
When the power source voltage value of a microcomputer is less
than the value which is indicated as the recommended operating
conditions, the microcomputer does not operate normally and
may perform unstable operation.
In a system where the power source voltage drops slowly when
the power source voltage drops or the power supply is turned off,
reset a microcomputer when the supply voltage is less than the
recommended operating conditions and design a system not to
cause errors to the system by this unstable operation.
24
Notes for the use of A/D conversion 3
Each analog input pin is equipped with a capacitor which is used
to compare the analog voltage. Accordingly, when the analog
voltage is input from the circuit with high-impedance and, charge/
discharge noise is generated and the sufficient A/D accuracy
may not be obtained. Therefore, reduce the impedance or, con-
nect a capacitor (0.01
µF to 1 µF) to analog input pins (Figure 53).
When the overvoltage applied to the A/D conversion circuit may
occur, connect an external circuit in order to keep the voltage
within the rated range as shown the Figure 54. In addition, test
the application products sufficiently.
LA
8
; (✕0✕✕2)
TV2A
; The SNZAD instruction is valid ........ ➀
LA
0
; (0✕✕✕2)
TQ1A
; Operation mode of A/D converter is
changed from comparator mode to A/D
conversion mode.
SNZAD
NOP
✕ : these bits are not used here.
Notes for the use of A/D conversion 1
Note the following when using the analog input pins also for
ports P2 and P3 functions:
• Selection of analog input pins
Even when P20/AIN0, P21/AIN1, P30/AIN2, P31/AIN3 are set to pins
for analog input, they continue to function as ports P2 and P3 input/
output. Accordingly, when any of them are used as I/O port and oth-
ers are used as analog input pins, make sure to set the outputs of
pins that are set for analog input to “1.” Also, the port input function
of the pin functions as an analog input is undefined.
• TALA instruction
When the TALA instruction is executed, the low-order 2 bits of
register AD is transferred to the high-order 2 bits of register A, si-
multaneously, the low-order 2 bits of register A is “0.”
20
Electric Characteristic Differences Between Mask ROM and One
Time PROM Version MCU
There are differences in electric characteristics, operation mar-
gin, noise immunity, and noise radiation between Mask ROM and
One Time PROM version MCUs due to the difference in the
manufacturing processes.
When manufacturing an application system with the One time
PROM version and then switching to use of the Mask ROM ver-
sion, please perform sufficient evaluations for the commercial
samples of the Mask ROM version.
23
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com