Electronic Components Datasheet Search
  English  ▼

X  

4502 Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # 4502
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4502 Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button 4502 Datasheet HTML 61Page - Renesas Technology Corp 4502 Datasheet HTML 62Page - Renesas Technology Corp 4502 Datasheet HTML 63Page - Renesas Technology Corp 4502 Datasheet HTML 64Page - Renesas Technology Corp 4502 Datasheet HTML 65Page - Renesas Technology Corp 4502 Datasheet HTML 66Page - Renesas Technology Corp 4502 Datasheet HTML 67Page - Renesas Technology Corp 4502 Datasheet HTML 68Page - Renesas Technology Corp 4502 Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 214 page
background image
1-53
4502 Group
HARDWARE
Rev.2.01
Feb 02, 2005
REJ09B0193-0201
0
1
0
1
0
1
0
1
W21
0
0
1
1
Stop (state initialized)
Operating
Instruction clock divided by 4
Instruction clock divided by 16
Stop (state retained)
Operating
Count start synchronous circuit not selected
Count start synchronous circuit selected
Prescaler control bit
Prescaler dividing ratio selection bit
Timer 1 control bit
Timer 1 count start synchronous circuit
control bit
Stop (state retained)
Operating
Count auto-stop circuit not selected
Count auto-stop circuit selected
Count source
Timer 1 underflow signal
Prescaler output (ORCLK)
CNTR input
System clock
Timer 2 control bit
Timer 1 count auto-stop circuit selection
bit (Note 2)
Timer 2 count source selection bits
0
1
0
1
W20
0
1
0
1
W13
W12
W11
W10
Timer control register W1
R/W
at RAM back-up : 00002
at reset : 00002
R/W
at RAM back-up : 00002
at reset : 00002
Timer control register W2
R/W
at RAM back-up : state retained
at reset : 00002
This bit has no function, but read/write is enabled.
This bit has no function, but read/write is enabled.
Timer 1 underflow signal divided by 2 output
Timer 2 underflow signal divided by 2 output
P12(I/O)/CNTR input (Note 3)
P12 (input)/CNTR input/output (Note 3)
Not used
Not used
CNTR output selection bit
P12/CNTR function selection bit
0
1
0
1
0
1
0
1
Timer control register W6
R/W
at RAM back-up : state retained
at reset : 00002
Notes 1: “R” represents read enabled, and “W” represents write enabled.
2: This function is valid only when the timer 1 count start synchronization circuit is selected.
3: CNTR input is valid only when CNTR input is selected as the timer 2 count source.
Q13
Q12
A/D control register Q1
A/D operation mode selection bit
Not used
Analog input pin selection bits
at reset : 00002
at RAM back-up : state retained
0
1
0
1
Q11
0
0
1
1
A/D conversion mode
Comparator mode
This bit has no function, but read/write is enabled.
Selected pins
AIN0
AIN1
AIN2
AIN3
Q10
0
1
0
1
R/W
Q11
Q10
W23
W22
W21
W20
W63
W62
W61
W60
CONTROL REGISTERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com