Electronic Components Datasheet Search
  English  ▼

X  

4502 Datasheet(PDF) 74 Page - Renesas Technology Corp

Part # 4502
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4502 Datasheet(HTML) 74 Page - Renesas Technology Corp

Back Button 4502 Datasheet HTML 70Page - Renesas Technology Corp 4502 Datasheet HTML 71Page - Renesas Technology Corp 4502 Datasheet HTML 72Page - Renesas Technology Corp 4502 Datasheet HTML 73Page - Renesas Technology Corp 4502 Datasheet HTML 74Page - Renesas Technology Corp 4502 Datasheet HTML 75Page - Renesas Technology Corp 4502 Datasheet HTML 76Page - Renesas Technology Corp 4502 Datasheet HTML 77Page - Renesas Technology Corp 4502 Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 214 page
background image
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
INSTRUCTIONS
1-62
Rev.2.01
Feb 02, 2005
4502 Group
HARDWARE
REJ09B0193-0201
AND (logical AND between accumulator and memory)
0000011000
018
11
–
–
Grouping:
Arithmetic operation
Description: Takes the AND operation between the con-
tents of register A and the contents of
M(DP), and stores the result in register A.
Operation:
(A)
← (A) AND (M(DP))
B a (Branch to address a)
011a6
a5
a4
a3
a2
a1
a0
1a
11
–
–
Grouping:
Branch operation
Description: Branch within a page : Branches to address
a in the identical page.
Note:
Specify the branch address within the page
including this instruction.
Operation:
(PCL)
← a6 to a0
BL p, a (Branch Long to address a in page p)
00111p4
p3
p2
p1
p0
0p
22
–
–
Grouping:
Branch operation
Description: Branch out of a page : Branches to address
a in page p.
Note:
p is 0 to 15 for M34502M2, and p is 0 to 31
for M34502M4/E4.
Operation:
(PCH)
← p
(PCL)
← a6 to a0
BLA p (Branch Long to address (D) + (A) in page p)
0000010000
010
22
–
–
Grouping:
Branch operation
Description: Branch out of a page : Branches to address
(DR2 DR1 DR0 A3 A2 A1 A0)2 specified by
registers D and A in page p.
Note:
p is 0 to 15 for M34502M2, and p is 0 to 31
for M34502M4/E4.
8
+a
2
16
100a6
a5
a4
a3
a2
a1
a0
2aa
E
+p
Operation:
(PCH)
← p
(PCL)
← (DR2–DR0, A3–A0)
2
16
100p4
00p3
p2
p1
p0
2pp
MACHINE INSTRUCTIONS (INDEX BY ALPHABET) (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com