Electronic Components Datasheet Search
  English  ▼

X  

4502 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # 4502
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4502 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button 4502 Datasheet HTML 10Page - Renesas Technology Corp 4502 Datasheet HTML 11Page - Renesas Technology Corp 4502 Datasheet HTML 12Page - Renesas Technology Corp 4502 Datasheet HTML 13Page - Renesas Technology Corp 4502 Datasheet HTML 14Page - Renesas Technology Corp 4502 Datasheet HTML 15Page - Renesas Technology Corp 4502 Datasheet HTML 16Page - Renesas Technology Corp 4502 Datasheet HTML 17Page - Renesas Technology Corp 4502 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 214 page
background image
1-2
Rev.2.01
Feb 02, 2005
4502 Group
HARDWARE
REJ09B0193-0201
DESCRIPTION
The 4502 Group is a 4-bit single-chip microcomputer designed with
CMOS technology. Its CPU is that of the 4500 series using a
simple, high-speed instruction set. The computer is equipped with
two 8-bit timers (each timer has a reload register), interrupts, and
10-bit A/D converter.
The various microcomputers in the 4502 Group include variations
of the built-in memory size as shown in the table below.
FEATURES
qMinimum instruction execution time ................................ 0.68
µs
(at 4.4 MHz oscillation frequency, in high-speed mode)
qSupply voltage ............................................................. 2.7 to 5.5 V
(System is in the reset state when the voltage is under the detec-
tion voltage of voltage drop detection circuit)
Part number
M34502M2-XXXFP
M34502M4-XXXFP
M34502E4FP (Note)
ROM type
Mask ROM
Mask ROM
One Time PROM
Package
PRSP0024GA-A
PRSP0024GA-A
PRSP0024GA-A
RAM size
(✕ 4 bits)
128 words
256 words
256 words
ROM (PROM) size
(✕ 10 bits)
2048 words
4096 words
4096 words
q Timers
Timer 1 ...................................... 8-bit timer with a reload register
Timer 2 ...................................... 8-bit timer with a reload register
q Interrupt ........................................................................ 4 sources
q Key-on wakeup function pins ................................................... 12
q Input/Output port ...................................................................... 18
q A/D converter .................. 10-bit successive comparison method
q Watchdog timer
q Clock generating circuit (ceramic resonator/RC oscillation)
q LED drive directly enabled (port D)
qPower-on reset circuit
q Voltage drop detection circuit ........................... VRST: Typ. 3.5 V
(Ta = 25 °C)
APPLICATION
Electrical household appliance, consumer electronic products, of-
fice automation equipment, etc.
Note: Shipped in blank.
DESCRIPTION/FEATURES/APPLICATION/PIN CONFIGURATION
PIN CONFIGURATION
17
18
21
20
22
19
23
24
16
15
14
13
VDD
P10
P11
P12/CNTR
P13/INT
P03
P02
P01
P00
VSS
D4
D5
XIN
XOUT
CNVSS
P21/AIN1
P20/AIN0
RESET
D2/C
D3/K
D1
D0
P31/AIN3
P30/AIN2
Outline PRSP0024GA-A (24P2Q-A)
8
7
4
5
3
6
2
1
9
10
11
12
Pin configuration (top view) (4502 Group)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com