Electronic Components Datasheet Search
  English  ▼

X  

4502 Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # 4502
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4502 Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button 4502 Datasheet HTML 49Page - Renesas Technology Corp 4502 Datasheet HTML 50Page - Renesas Technology Corp 4502 Datasheet HTML 51Page - Renesas Technology Corp 4502 Datasheet HTML 52Page - Renesas Technology Corp 4502 Datasheet HTML 53Page - Renesas Technology Corp 4502 Datasheet HTML 54Page - Renesas Technology Corp 4502 Datasheet HTML 55Page - Renesas Technology Corp 4502 Datasheet HTML 56Page - Renesas Technology Corp 4502 Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 214 page
background image
1-41
4502 Group
HARDWARE
Rev.2.01
Feb 02, 2005
REJ09B0193-0201
RAM BACK-UP MODE
The 4502 Group has the RAM back-up mode.
When the POF or POF2 instruction is executed continuously after
the EPOF instruction, system enters the RAM back-up state.
The POF or POF2 instruction is equal to the NOP instruction when
the EPOF instruction is not executed before the POF or POF2 in-
struction.
As oscillation stops retaining RAM, the function of reset circuit and
states at RAM back-up mode, current dissipation can be reduced
without losing the contents of RAM.
In the RAM back-up mode by the POF instruction, system enters
the RAM back-up mode and the voltage drop detection cicuit keeps
operating.
In the RAM back-up mode by the POF2 instruction, all internal
periperal functions stop.
Table 15 shows the function and states retained at RAM back-up.
Figure 39 shows the state transition.
(1) Identification of the start condition
Warm start (return from the RAM back-up state) or cold start (re-
turn from the normal reset state) can be identified by examining the
state of the power down flag (P) with the SNZP instruction.
(2) Warm start condition
When the external wakeup signal is input after the system enters
the RAM back-up state by executing the EPOF instruction and
POF or POF2 instruction continuously, the CPU starts executing
the program from address 0 in page 0. In this case, the P flag is
“1.”
(3) Cold start condition
The CPU starts executing the program from address 0 in page 0
when;
• reset pulse is input to RESET pin, or
• reset by watchdog timer is performed, or
• voltage drop detection circuit is detected by the voltage drop
In this case, the P flag is “0.”
Table 15 Functions and states retained at RAM back-up
Function
Program counter (PC), registers A, B,
carry flag (CY), stack pointer (SP) (Note 2)
Contents of RAM
Port level
Selected oscillation circuit
Timer control register W1
Timer control registers W2, W6
Clock control register MR
Interrupt control registers V1, V2
Interrupt control register I1
Timer 1 function
Timer 2 function
A/D conversion function
Voltage drop detection circuit
A/D control register Q1
Pull-up control registers PU0 to PU2
Key-on wakeup control registers K0 to K2
External 0 interrupt request flag (EXF0)
Timer 1 interrupt request flag (T1F)
Timer 2 interrupt request flag (T2F)
Watchdog timer flags (WDF1)
Watchdog timer enable flag (WEF)
16-bit timer (WDT)
A/D conversion completion flag (ADF)
Interrupt enable flag (INTE)
POF2
✕
O
(Note 6)
O
✕
O
✕
✕
O
✕
(Note 3)
✕
✕
O
O
O
✕
✕
(Note 3)
✕ (Note 4)
✕
✕ (Note 4)
✕
✕
Notes 1: “O” represents that the function can be retained, and “✕” repre-
sents that the function is initialized.
Registers and flags other than the above are undefined at RAM
back-up, and set an initial value after returning.
2: The stack pointer (SP) points the level of the stack register and is
initialized to “7” at RAM back-up.
3: The state of the timer is undefined.
4: Initialize the watchdog timer flag WDF1 with the WRST instruction,
and then execute the POF or POF2 instruction.
5: This function is operating in the RAM back-up mode. When the
voltage drop is detected, system reset occurs.
6: As for the D2/C pin, the output latch of port C is set to “1” at the
RAM back-up. However, the output latch of port D2 is retained.
As for the other ports, their output levels are retained at the RAM
back-up.
RAM back-up
POF
✕
O
(Note 6)
O
✕
O
✕
✕
O
✕
(Note 3)
✕
O (Note 5)
O
O
O
✕
✕
(Note 3)
✕ (Note 4)
✕
✕ (Note 4)
✕
✕
FUNCTION BLOCK OPERATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com