Electronic Components Datasheet Search
  English  ▼

X  

4502 Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # 4502
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4502 Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button 4502 Datasheet HTML 81Page - Renesas Technology Corp 4502 Datasheet HTML 82Page - Renesas Technology Corp 4502 Datasheet HTML 83Page - Renesas Technology Corp 4502 Datasheet HTML 84Page - Renesas Technology Corp 4502 Datasheet HTML 85Page - Renesas Technology Corp 4502 Datasheet HTML 86Page - Renesas Technology Corp 4502 Datasheet HTML 87Page - Renesas Technology Corp 4502 Datasheet HTML 88Page - Renesas Technology Corp 4502 Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 214 page
background image
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
INSTRUCTIONS
1-73
4502 Group
HARDWARE
Rev.2.01
Feb 02, 2005
REJ09B0193-0201
SEA n (Skip Equal, Accumulator with immediate data n)
0000100101
025
22
–
(A) = n
Grouping:
Comparison operation
Description: Skips the next instruction when the con-
tents of register A is equal to the value n in
the immediate field.
Executes the next instruction when the con-
tents of register A is not equal to the value n
in the immediate field.
Operation:
(A) = n ?
n = 0 to 15
SEAM (Skip Equal, Accumulator with Memory)
0000100110
026
11
–
(A) = (M(DP))
Grouping:
Comparison operation
Description: Skips the next instruction when the con-
tents of register A is equal to the contents of
M(DP).
Executes the next instruction when the con-
tents of register A is not equal to the
contents of M(DP).
Operation:
(A) = (M(DP)) ?
SCP (Set Port C)
1010001101
28D
11
–
–
Grouping:
Input/Output operation
Description: Sets (1) to port C.
Operation:
(C)
← 1
SD (Set port D specified by register Y)
0000010101
015
11
–
–
Grouping:
Input/Output operation
Description: Sets (1) to a bit of port D specified by register Y.
Note:
Set 0 to 5 to register Y because port D is six
ports (D0–D5).
When values except above are set to regis-
ter Y, this instruction is equivalent to the
NOP instruction.
Operation:
(D(Y))
← 1
(Y) = 0 to 5
2
16
000111nnnn
07n
MACHINE INSTRUCTIONS (INDEX BY ALPHABET) (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com