Electronic Components Datasheet Search
  English  ▼

X  

4502 Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # 4502
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4502 Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button 4502 Datasheet HTML 73Page - Renesas Technology Corp 4502 Datasheet HTML 74Page - Renesas Technology Corp 4502 Datasheet HTML 75Page - Renesas Technology Corp 4502 Datasheet HTML 76Page - Renesas Technology Corp 4502 Datasheet HTML 77Page - Renesas Technology Corp 4502 Datasheet HTML 78Page - Renesas Technology Corp 4502 Datasheet HTML 79Page - Renesas Technology Corp 4502 Datasheet HTML 80Page - Renesas Technology Corp 4502 Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 214 page
background image
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
INSTRUCTIONS
1-65
4502 Group
HARDWARE
Rev.2.01
Feb 02, 2005
REJ09B0193-0201
DI (Disable Interrupt)
0000000100
004
11
–
–
Grouping:
Interrupt control operation
Description: Clears (0) to interrupt enable flag INTE, and
disables the interrupt.
Note:
Interrupt is disabled by executing the DI in-
struction after executing 1 machine cycle.
Operation:
(INTE)
← 0
DWDT (Disable WatchDog Timer)
1010011100
29C
11
–
–
Grouping:
Other operation
Description: Stops the watchdog timer function by the
WRST instruction after executing the
DWDT instruction.
Operation:
Stop of watchdog timer function enabled
EPOF (Enable POF instruction)
0001011011
05B
11
–
–
Grouping:
Other operation
Description: Makes the immediate after POF or POF2
instruction valid by executing the EPOF in-
struction.
Operation:
POF instruction, POF2 instruction valid
EI (Enable Interrupt)
0000000101
005
11
–
–
Grouping:
Interrupt control operation
Description: Sets (1) to interrupt enable flag INTE, and
enables the interrupt.
Note:
Interrupt is enabled by executing the EI in-
struction after executing 1 machine cycle.
Operation:
(INTE)
← 1
MACHINE INSTRUCTIONS (INDEX BY ALPHABET) (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com