Electronic Components Datasheet Search
  English  ▼

X  

4502 Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # 4502
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4502 Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button 4502 Datasheet HTML 27Page - Renesas Technology Corp 4502 Datasheet HTML 28Page - Renesas Technology Corp 4502 Datasheet HTML 29Page - Renesas Technology Corp 4502 Datasheet HTML 30Page - Renesas Technology Corp 4502 Datasheet HTML 31Page - Renesas Technology Corp 4502 Datasheet HTML 32Page - Renesas Technology Corp 4502 Datasheet HTML 33Page - Renesas Technology Corp 4502 Datasheet HTML 34Page - Renesas Technology Corp 4502 Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 214 page
background image
1-19
4502 Group
HARDWARE
Rev.2.01
Feb 02, 2005
REJ09B0193-0201
(4) Internal state during an interrupt
The internal state of the microcomputer during an interrupt is as fol-
lows (Figure 14).
• Program counter (PC)
An interrupt address is set in program counter. The address to be
executed when returning to the main routine is automatically
stored in the stack register (SK).
• Interrupt enable flag (INTE)
INTE flag is cleared to “0” so that interrupts are disabled.
• Interrupt request flag
Only the request flag for the current interrupt source is cleared to
“0.”
• Data pointer, carry flag, skip flag, registers A and B
The contents of these registers and flags are stored automatically
in the interrupt stack register (SDP).
(5) Interrupt processing
When an interrupt occurs, a program at an interrupt address is ex-
ecuted after branching a data store sequence to stack register.
Write the branch instruction to an interrupt service routine at an in-
terrupt address.
Use the RTI instruction to return from an interrupt service routine.
Interrupt enabled by executing the EI instruction is performed after
executing 1 instruction (just after the next instruction is executed).
Accordingly, when the EI instruction is executed just before the RTI
instruction, interrupts are enabled after returning the main routine.
(Refer to Figure 13)
Fig. 13 Program example of interrupt processing
• Program counter (PC)
............................................................... Each interrupt address
• Stack register (SK)
....................................................................................................
• Interrupt enable flag (INTE)
.................................................................. 0 (Interrupt disabled)
• Interrupt request flag (only the flag for the current interrupt
source) ................................................................................... 0
• Data pointer, carry flag, registers A and B, skip flag
........ Stored in the interrupt stack register (SDP) automatically
The address of main routine to be
executed when returning
Fig. 15 Interrupt system diagram
Fig. 14 Internal state when interrupt occurs
T1F
V12
EXF0
V10
Address 4
in page 1
Address 0
in page 1
T2F
V13
Address 6
in page 1
ADFV22
Timer 1
underflow
Timer 2
underflow
Completion of
A/D conversion
Address C
in page 1
Request flag
(state retained)
Enable
bit
Enable
flag
INTE
Activated
condition
INT pin
(L
→H or
H
→L input)
EI
RTI
Interrupt
service routine
Interrupt
occurs
Interrupt is
enabled
Main
routine
: Interrupt enabled state
: Interrupt disabled state
•
•
•
•
FUNCTION BLOCK OPERATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com