Electronic Components Datasheet Search
  English  ▼

X  

4502 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # 4502
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4502 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button 4502 Datasheet HTML 21Page - Renesas Technology Corp 4502 Datasheet HTML 22Page - Renesas Technology Corp 4502 Datasheet HTML 23Page - Renesas Technology Corp 4502 Datasheet HTML 24Page - Renesas Technology Corp 4502 Datasheet HTML 25Page - Renesas Technology Corp 4502 Datasheet HTML 26Page - Renesas Technology Corp 4502 Datasheet HTML 27Page - Renesas Technology Corp 4502 Datasheet HTML 28Page - Renesas Technology Corp 4502 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 214 page
background image
1-13
4502 Group
HARDWARE
Rev.2.01
Feb 02, 2005
REJ09B0193-0201
FUNCTION BLOCK OPERATIONS
CPU
(1) Arithmetic logic unit (ALU)
The arithmetic logic unit ALU performs 4-bit arithmetic such as 4-
bit data addition, comparison, AND operation, OR operation, and
bit manipulation.
(2) Register A and carry flag
Register A is a 4-bit register used for arithmetic, transfer, ex-
change, and I/O operation.
Carry flag CY is a 1-bit flag that is set to “1” when there is a carry
with the AMC instruction (Figure 1).
It is unchanged with both A n instruction and AM instruction. The
value of A0 is stored in carry flag CY with the RAR instruction (Fig-
ure 2).
Carry flag CY can be set to “1” with the SC instruction and cleared
to “0” with the RC instruction.
(3) Registers B and E
Register B is a 4-bit register used for temporary storage of 4-bit
data, and for 8-bit data transfer together with register A.
Register E is an 8-bit register. It can be used for 8-bit data transfer
with register B used as the high-order 4 bits and register A as the
low-order 4 bits (Figure 3).
Register E is undefined after system is released from reset and re-
turned from the RAM back-up. Accordingly, set the initial value.
(4) Register D
Register D is a 3-bit register.
It is used to store a 7-bit ROM address together with register A and
is used as a pointer within the specified page when the TABP p,
BLA p, or BMLA p instruction is executed (Figure 4).
Register D is undefined after system is released from reset and re-
turned from the RAM back-up. Accordingly, set the initial value.
Fig. 1 AMC instruction execution example
Fig. 2 RAR instruction execution example
Fig. 3 Registers A, B and register E
Fig. 4 TABP p instruction execution example
(CY)
(M(DP))
(A)
Addition
ALU
<Carry>
<Result>
A3 A2 A1 A0
B3 B2 B1 B0
E7 E6 E5 E4 E3 E2 E1 E0
A3 A2 A1 A0
B3 B2 B1 B0
TAB instruction
TEAB instruction
TABE instruction
TBA instruction
Register B
Register A
Register B
Register A
Register E
CYA3 A2 A1 A0
A0
CYA3 A2 A1
<Rotation>
RAR instruction
<Set>
SC instruction
<Clear>
RC instruction
Specifying address
TABP p instruction
p6 p5 p4
p3 p2 p1 p0
PCH
DR2DR1DR0 A3 A2 A1 A0
PCL
Immediate field
value p
The contents of
register D
ROM
840
Middle-order 4 bits
Low-order 4bits
Register A (4)
Register B (4)
The contents of
register A
FUNCTION BLOCK OPERATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com