Electronic Components Datasheet Search
  English  ▼

X  

4502 Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # 4502
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4502 Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button 4502 Datasheet HTML 69Page - Renesas Technology Corp 4502 Datasheet HTML 70Page - Renesas Technology Corp 4502 Datasheet HTML 71Page - Renesas Technology Corp 4502 Datasheet HTML 72Page - Renesas Technology Corp 4502 Datasheet HTML 73Page - Renesas Technology Corp 4502 Datasheet HTML 74Page - Renesas Technology Corp 4502 Datasheet HTML 75Page - Renesas Technology Corp 4502 Datasheet HTML 76Page - Renesas Technology Corp 4502 Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 214 page
background image
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
D9
D0
Flag CY
2
16
INSTRUCTIONS
1-61
4502 Group
HARDWARE
Rev.2.01
Feb 02, 2005
REJ09B0193-0201
MACHINE INSTRUCTIONS (INDEX BY ALPHABET)
A n (Add n and accumulator)
000110nnnn
06n
11
–
Overflow = 0
Grouping:
Arithmetic operation
Description: Adds the value n in the immediate field to
register A, and stores a result in register A.
The contents of carry flag CY remains unchanged.
Skips the next instruction when there is no
overflow as the result of operation.
Executes the next instruction when there is
overflow as the result of operation.
Operation:
(A)
← (A) + n
n = 0 to 15
ADST (A/D conversion STart)
1010011111
29F
11
–
–
Grouping:
A/D conversion operation
Description: Clears (0) to A/D conversion completion
flag ADF, and the A/D conversion at the A/D
conversion mode (Q13 = 0) or the compara-
tor operation at the comparator mode (Q13
= 1) is started.
Operation:
(ADF)
← 0
Q13 = 0: A/D conversion starting
Q13 = 1: Comparator operation starting
(Q13 : bit 3 of A/D control register Q1)
AM (Add accumulator and Memory)
0000001010
00A
11
–
–
Grouping:
Arithmetic operation
Description: Adds the contents of M(DP) to register A.
Stores the result in register A. The contents
of carry flag CY remains unchanged.
Operation:
(A)
← (A) + (M(DP))
AMC (Add accumulator, Memory and Carry)
0000001011
00B
11
0/1
–
Grouping:
Arithmetic operation
Description: Adds the contents of M(DP) and carry flag
CY to register A. Stores the result in regis-
ter A and carry flag CY.
Operation:
(A)
← (A) + (M(DP)) + (CY)
(CY)
← Carry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com