Electronic Components Datasheet Search
  English  ▼

X  

4502 Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # 4502
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4502 Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button 4502 Datasheet HTML 48Page - Renesas Technology Corp 4502 Datasheet HTML 49Page - Renesas Technology Corp 4502 Datasheet HTML 50Page - Renesas Technology Corp 4502 Datasheet HTML 51Page - Renesas Technology Corp 4502 Datasheet HTML 52Page - Renesas Technology Corp 4502 Datasheet HTML 53Page - Renesas Technology Corp 4502 Datasheet HTML 54Page - Renesas Technology Corp 4502 Datasheet HTML 55Page - Renesas Technology Corp 4502 Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 214 page
background image
1-40
Rev.2.01
Feb 02, 2005
4502 Group
HARDWARE
REJ09B0193-0201
VOLTAGE DROP DETECTION CIRCUIT
The built-in voltage drop detection circuit is designed to detect a
drop in voltage and to reset the microcomputer if the supply voltage
drops below a set value.
Fig. 37 Voltage drop detection circuit
Fig. 38 Voltage drop detection circuit operation waveform example
FUNCTION BLOCK OPERATIONS
+
–
VRST
VDD
Q
S
R
Reset signal
Return input
EPOF instruction +POF2 instruction
(continuous execution)
(Note 2)
Voltage drop detection circuit
reset signal
(Note 1)
Voltage drop detection circuit
Notes 1: In the RAM back-up mode by the POF2 instruction,
the voltage drop detection circuit stops.
2: When the VDD (supply voltage) is VRST (detection voltage) or less,
the voltage drop detection circuit reset signal is output.
VDD
The microcomputer starts
operation after the on-chip
oscillator (internal oscillator)
is counted 5359 times.
Note 3
Voltage drop detection
circuit reset signal
RESET pin
Notes 1: After system is released from reset, the on-chip oscillator (internal oscillator)
is selected as the operation clock of the microcomputer.
2: Refer to the voltage drop detection circuit characteristics in the electrical characteristics
for the rating value of VRST (detection voltage).
3: The VRST (detection voltage) does not include hysteresis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com