Electronic Components Datasheet Search
  English  ▼

X  

4502 Datasheet(PDF) 178 Page - Renesas Technology Corp

Part # 4502
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4502 Datasheet(HTML) 178 Page - Renesas Technology Corp

Back Button 4502 Datasheet HTML 174Page - Renesas Technology Corp 4502 Datasheet HTML 175Page - Renesas Technology Corp 4502 Datasheet HTML 176Page - Renesas Technology Corp 4502 Datasheet HTML 177Page - Renesas Technology Corp 4502 Datasheet HTML 178Page - Renesas Technology Corp 4502 Datasheet HTML 179Page - Renesas Technology Corp 4502 Datasheet HTML 180Page - Renesas Technology Corp 4502 Datasheet HTML 181Page - Renesas Technology Corp 4502 Datasheet HTML 182Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 214 page
background image
3.2 Typical characteristics
3-8
Rev.2.01
Feb 02, 2005
4502 Group
APPENDIX
REJ09B0193-0201
3.2 Typical characteristics
The data described below are characteristic examples for the 4502 Group.
Unless otherwise noted, the characteristics for Mask ROM version are shown here.
The data shown here are just characteristics examples and are not guaranteed.
For rated values, refer to “3.1 Electrical characteristics”.
Standard characteristics are different between Mask ROM version and One Time PROM version, due to the
difference in the manufacturing processes.
Even in the MCUs which have the same memory type, standard characteristics are different in each sample, too.
3.2.1 VDD–IDD characteristics
(1)
VDD–IDD characteristics (Ta = 25 °C, f(XIN) = 4 MHz, at ceramic resonance)
(2)
VDD–IDD characteristics (Ta = 25 °C, f(XIN) = 2 MHz, at ceramic resonance)
VDD [V]
High-speed mode
Middle-speed mode
Low-speed mode
Default mode
2.0
1.5
1.0
0.5
0.0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VDD [V]
High-speed mode
Middle-speed mode
Low-speed mode
Default mode
2.5
2.0
1.5
1.0
0.5
0.0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com