Electronic Components Datasheet Search
  English  ▼

X  

4502 Datasheet(PDF) 183 Page - Renesas Technology Corp

Part # 4502
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4502 Datasheet(HTML) 183 Page - Renesas Technology Corp

Back Button 4502 Datasheet HTML 179Page - Renesas Technology Corp 4502 Datasheet HTML 180Page - Renesas Technology Corp 4502 Datasheet HTML 181Page - Renesas Technology Corp 4502 Datasheet HTML 182Page - Renesas Technology Corp 4502 Datasheet HTML 183Page - Renesas Technology Corp 4502 Datasheet HTML 184Page - Renesas Technology Corp 4502 Datasheet HTML 185Page - Renesas Technology Corp 4502 Datasheet HTML 186Page - Renesas Technology Corp 4502 Datasheet HTML 187Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 214 page
background image
3.2 Typical characteristics
3-13
4502 Group
APPENDIX
Rev.2.01
Feb 02, 2005
REJ09B0193-0201
(3)
RC oscillation frequency (R-f(XIN)) characteristics (VDD = 5.0 V, Ta = 25 °C, C = 33pF)
Resistor R [k
Ω]
Ta [°C]
(4)
RC oscillation frequency (Ta-f(XIN)) characteristics (VDD = 5.0 V, C = 33pF)
3.3 k
Ω
4.7 k
Ω
6.8 k
Ω
9.1 k
Ω
15 k
Ω
20 k
Ω
6.0
5.0
4.0
3.0
2.0
1.0
0.0
0.0
5.0
10.0
15.0
20.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
–30
–20
–10
0
10
20
30
40
50
60
70
80
90
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com