Electronic Components Datasheet Search
  English  ▼

X  

4502 Datasheet(PDF) 195 Page - Renesas Technology Corp

Part # 4502
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4502 Datasheet(HTML) 195 Page - Renesas Technology Corp

Back Button 4502 Datasheet HTML 191Page - Renesas Technology Corp 4502 Datasheet HTML 192Page - Renesas Technology Corp 4502 Datasheet HTML 193Page - Renesas Technology Corp 4502 Datasheet HTML 194Page - Renesas Technology Corp 4502 Datasheet HTML 195Page - Renesas Technology Corp 4502 Datasheet HTML 196Page - Renesas Technology Corp 4502 Datasheet HTML 197Page - Renesas Technology Corp 4502 Datasheet HTML 198Page - Renesas Technology Corp 4502 Datasheet HTML 199Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 214 page
background image
3.2 Typical characteristics
3-25
4502 Group
APPENDIX
Rev.2.01
Feb 02, 2005
REJ09B0193-0201
3.2.9 A/D converter typical characteristics
Fig. 3.2.1 A/D conversion characteristics data
Figure 3.2.1 shows the A/D accuracy measurement data.
(1) Non-linearity error ......................... This means a deviation from the ideal characteristics between V0 to
V1022 of actual A/D conversion characteristics. In Figure 3.2.1, it is
(➃–➀)/1LSB.
(2) Differencial non-linearity error .... This means a deviation from the ideal characteristics between the
input voltages V0 to V1022 necessary to change the output data to
“1.” In Figure 3.2.1, this is ➁/1LSB.
(3) Zero transition error ..................... This means a deviation from the ideal characteristics between the
input voltages 0 to VDD when the output data changes from “0” to “1.”
In Figure 3.2.1, this is the value of ➀.
(4) Full-scale transition error ............. This means a deviation from the ideal characteristics between the
input voltages 0 to VDD when the output data changes from “1022”
to “1023.” In Figure 3.2.1, this is the value of ➃.
(5) Absolute accuracy ........................ This menas a deviation from the ideal characteristics between 0 to
VDD of actual A/D conversion characteristics. In Figure 3.2.1, this is
the value of ERROR in each of ➀, ➂ and ➃.
For the A/D converter characteristics, refer to the section 3.1 Electrical characteristics.
+1LSB
0
-1LSB
1LSB WIDTH
1022 1023
ERROR
0
1
➃
➁
0
➀
➂
15
-15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com